Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1460ACN8-10 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1460ACN8-10
Description  Micropower Precision Series Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460ACN8-10 Datasheet(HTML) 4 Page - Linear Technology

  LT1460ACN8-10 Datasheet HTML 1Page - Linear Technology LT1460ACN8-10 Datasheet HTML 2Page - Linear Technology LT1460ACN8-10 Datasheet HTML 3Page - Linear Technology LT1460ACN8-10 Datasheet HTML 4Page - Linear Technology LT1460ACN8-10 Datasheet HTML 5Page - Linear Technology LT1460ACN8-10 Datasheet HTML 6Page - Linear Technology LT1460ACN8-10 Datasheet HTML 7Page - Linear Technology LT1460ACN8-10 Datasheet HTML 8Page - Linear Technology LT1460ACN8-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1460-10
ELECTRICAL CHARACTERISTICS
Note 6: Excludes load regulation errors.
Note 7: Peak-to-peak noise is measured with a single highpass filter at
0.1Hz and a 2-pole lowpass filter at 10Hz. The unit is enclosed in a still-air
environment to eliminate thermocouple effects on the leads. The test time
is 10 sec. RMS noise is measured with a single highpass filter at 10Hz and
a 2-pole lowpass filter at 1kHz. The resulting output is full wave rectified
and then integrated for a fixed period, making the final reading an average
as opposed to RMS. A correction factor of 1.1 is used to convert from
average to RMS and a second correction of 0.88 is used to correct for the
nonideal bandpass of the filters.
Note 8: Long-term stability typically has a logarithmic characteristic and
therefore, changes after 1000 hours tend to be much smaller than before
that time. Total drift in the second thousand hours is normally less than
one third that of the first thousand hours with a continuing trend toward
reduced drift with time. Significant improvement in long-term drift can be
realized by preconditioning the IC with a 100 hour to 200 hour, 125
°C
burn-in. Long-term stability will also be affected by differential stresses
between the IC and the board material created during board assembly. See
PC Board Layout in the Applications Information section.
Note 9: Hysteresis in output voltage is created by package stress that
differs depending on whether the IC was previously at a higher or lower
temperature. Output voltage is always measured at 25
°C, but the IC is
cycled to 85
°C or –40°C before successive measurements. Hysteresis is
roughly proportional to the square of the temperature change. Hysteresis
is not normally a problem for operational temperature excursions where
the instrument might be stored at high or low temperature.
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT CURRENT (mA)
0
60
80
100
4
1460-10 G03
40
20
50
70
90
30
10
0
1
2
3
5
–55
°C
125
°C
25
°C
Load Regulation, Sinking
Line Regulation
TEMPERATURE (
°C)
–50
9.982
9.986
9.990
9.994
9.998
10.006
–25
025
50
1460-10 G04
75
100
10.002
3 TYPICAL PARTS
Output Voltage Temperature Drift
INPUT/OUTPUT VOLTAGE (V)
0
0.1
100
0.5
1.0
1.5
2.0
2.5
1460-10 G01
10
1
–55
°C
125
°C
25
°C
Minimum Input/Output
Voltage Differential
INPUT VOLTAGE (V)
6
9.980
9.984
9.988
9.992
9.996
10.004
10
14
18
1460-10 G06
8
12
16
20
10.000
–55
°C
125
°C
25
°C
Supply Current vs Input Voltage
INPUT VOLTAGE (V)
0
240
320
400
16
1460-10 G05
160
80
200
280
360
120
40
0
4
8
12
218
6
10
14
20
–55
°C
125
°C
25
°C
OUTPUT CURRENT (mA)
0.1
4
5
6
7
8
1
10
100
1460-10 G02
3
2
1
0
9
10
–55
°C
25
°C
125
°C
Load Regulation, Sourcing


Similar Part No. - LT1460ACN8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460ACN8-10 LINER-LT1460ACN8-10 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1460ACN8-10-PBF LINER-LT1460ACN8-10-PBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460ACN8-10-TRPBF LINER-LT1460ACN8-10-TRPBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460ACN8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
logo
Linear Technology
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com