Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1460KCS3-3 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1460KCS3-3
Description  Family of Micropower Series References in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460KCS3-3 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1460KCS3-3 Datasheet HTML 2Page - Linear Technology LT1460KCS3-3 Datasheet HTML 3Page - Linear Technology LT1460KCS3-3 Datasheet HTML 4Page - Linear Technology LT1460KCS3-3 Datasheet HTML 5Page - Linear Technology LT1460KCS3-3 Datasheet HTML 6Page - Linear Technology LT1460KCS3-3 Datasheet HTML 7Page - Linear Technology LT1460KCS3-3 Datasheet HTML 8Page - Linear Technology LT1460KCS3-3 Datasheet HTML 9Page - Linear Technology LT1460KCS3-3 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1460S3 (SOT-23)
TYPICAL PERFORMANCE CHARACTERISTICS Characteristic curves are similar for most
LT1460S3s. Curves from the LT1460S3-2.5 and the LT1460-10 represent the extremes of the voltage options. Characteristic curves for
other output voltages fall between these curves, and can be estimated based on their voltage output.
10V Minimum Input-Output
Voltage Differential
10V Load Regulation, Sourcing
10V Load Regulation, Sinking
INPUT-OUTPUT VOLTAGE (V)
0
0.1
10
125
°C
25
°C
100
0.5
1.0
1.5
2.0
2.5
1460S3 G12
1
–55
°C
OUTPUT CURRENT (mA)
0.1
15
20
25
30
35
1
10
100
1460S3 G13
10
5
–5
–10
0
125
°C
25
°C
–55
°C
OUTPUT CURRENT (mA)
0
150
200
250
4
1460S3 G14
100
50
0
1
2
3
5
125
°C
–55
°C
25
°C
10V Output Voltage
Temperature Drift
10V Supply Current
vs Input Voltage
10V Line Regulation
TEMPERATURE (
°C)
–50
10.002
10.004
10.006
0
50
75
1460S3 G15
9.998
10.000
9.996
9.994
9.992
9.990
9.988
9.986
9.984
9.982
–25
25
100
125
THREE TYPICAL PARTS
INPUT VOLTAGE (V)
0
0
50
150
200
250
350
2
10
14
1460S3 G16
100
300
8
18 20
4
6
12
16
125
°C
–55
°C
25
°C
INPUT VOLTAGE (V)
6
10.000
10.005
10.010
12
16
1560S3 G17
9.995
9.990
810
14
18
20
9.985
9.980
125
°C
–55
°C
25
°C
10V Power Supply Rejection
Ratio vs Frequency
10V Output Impedance
vs Frequency
10V Transient Response
FREQUENCY (kHz)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
1460S3 G18
0
1
FREQUENCY (kHz)
1
10
100
1000
0.01
1
10
100
0.1
0.1
1000
1460S3 G19
CL = 0µF
CL = 0.1µF
CL = 1µF
20
10
1
0.1
200
µs/DIV
1460S3 G20
CLOAD = 0µF


Similar Part No. - LT1460KCS3-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460KCS3-3 LINER-LT1460KCS3-3 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1460KCS3-3-TRMPBF LINER-LT1460KCS3-3-TRMPBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460KCS3-3-TRPBF LINER-LT1460KCS3-3-TRPBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460KCS3-3.3 LINER-LT1460KCS3-3.3 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1460KCS3-3.3-TRMPBF LINER-LT1460KCS3-3.3-TRMPBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460KCS3-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
   Micropower SOT-23 Low Dropout Reference Family
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Linear Technology
LT1617 LINER-LT1617 Datasheet
143Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617 LINER-LT1617_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617-1 LINER-LT1617-1_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41 Datasheet
233Kb / 11P
   Precision 4.096V SOT-23 FGA Voltage References
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
   Precision 4.096V SOT-23 FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com