Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1462CN8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1462CN8
Description  Dual/Quad Micropower, 260uW C-Load Picoampere Bias Current JFET Input Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1462CN8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1462CN8 Datasheet HTML 4Page - Linear Technology LT1462CN8 Datasheet HTML 5Page - Linear Technology LT1462CN8 Datasheet HTML 6Page - Linear Technology LT1462CN8 Datasheet HTML 7Page - Linear Technology LT1462CN8 Datasheet HTML 8Page - Linear Technology LT1462CN8 Datasheet HTML 9Page - Linear Technology LT1462CN8 Datasheet HTML 10Page - Linear Technology LT1462CN8 Datasheet HTML 11Page - Linear Technology LT1462CN8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1462/LT1463
TYPICAL APPLICATIONS
Micropower 0.026% Frequency-to-Voltage Converter
13
14
4
16
17
12
CS
1000pF
+
5V
–5V
2
3
8
1
4
1/2 LT1462
1/4 LTC
®1043
0V TO 3V
OUTPUT
5V
–5V
C2
1
µF
75k*
10k
GAIN TRIM
C1
1
µF
fIN = FREQUENCY IN
0kHz TO 30kHz
R1
1k
VREF = –1.235V
LT1004-1.2
–5V
V OUT = (R2)(CS)(VREF)(fIN)
TRW#MTR-5/120ppm
LT1462 • TA04
R2
*
10Hz 4th Order Chebyshev Lowpass Filter (0.01dB Ripple)
LT1462 • TA05
VOUT
TYPICAL OFFSET
≈ 0.6mV
1% TOLERANCES
FOR VIN = 10VP-P,V OUT = –110dB AT f > 300Hz
V OUT = –6dB AT f = 16Hz
THE LOW INPUT BIAS CURRENTS ALLOW THE USE OF HIGH RESISTOR VALUES
R3
249k
C2
100nF
C1
33nF
R1
237k
VIN
R2
237k
R6
249k
C4
330nF
12
13
1/4 LT1463
14
C3
10nF
R4
154k
R5
154k
4
1
15V
–15V
11
3
2
1/4 LT1463


Similar Part No. - LT1462CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1462 LINER-LT1462 Datasheet
286Kb / 12P
   Dual/Quad Micropower, 260mW C-Load Picoampere Bias Current JFET Input Op Amps
LT1462 LINER-LT1462_15 Datasheet
286Kb / 12P
   Dual/Quad Micropower, 260mW C-Load Picoampere Bias Current JFET Input Op Amps
More results

Similar Description - LT1462CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1463 LINER-LT1463_15 Datasheet
286Kb / 12P
   Dual/Quad Micropower, 260W C-Load Picoampere Bias Current JFET Input Op Amps
LT1464 LINER-LT1464_15 Datasheet
283Kb / 12P
   Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
LT1462 LINER-LT1462_15 Datasheet
286Kb / 12P
   Dual/Quad Micropower, 260mW C-Load Picoampere Bias Current JFET Input Op Amps
LT1465 LINER-LT1465_15 Datasheet
283Kb / 12P
   Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
LT1464 LINER-LT1464 Datasheet
310Kb / 12P
   Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
LT1169 LINER-LT1169_15 Datasheet
300Kb / 12P
   Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1169 LINER-LT1169 Datasheet
333Kb / 12P
   Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Analog Devices
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com