Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0086F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0086F
Description  STANDARD RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0086F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0086F_15 Datasheet HTML 1Page - Solid States Devices, Inc RC0086F_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0086F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
SPD65 ___
___ ___
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
___ = Axial
SMS = Surface Mount Square Tab
Family/Voltage
54 = 800 V
55 = 1000 V
56 = 1200 V
57 = 1300 V
SPD6557 Series
6 AMPS
1300 VOLTS
5
μsec
STANDARD RECOVERY
RECTIFIER
FEATURES:
Standard Recovery: 5
μsec maximum
PIV up to 1500 Volts
Low Reverse Leakage Current
Hermetically Sealed
Single Chip Construction
High Voltage Replacement for 1N5553 &1N5554
Low Thermal Resistance
Available with 0.040” diameter leads
TX, TXV, and Space Level Screening Available
2/
Fast Recovery Versions Available.
Contact Factory.
For higher voltages-See SSDI p/n SDR6W
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SPD6557
SPD6556
SPD6555
SPD6554
VRRM
VRWM
VR
1300
1200
1000
800
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA=25
oC)
IO
6
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Superimposed on IO, allow junction to
reach equilibrium between pulses, TA=25
oC)
IFSM
125
Amps
Operating and Storage Temperature
TOP & Tstg
-65 to +175
oC
Maximum Thermal Resistance
Junction to Lead, L = 0.125” (Axial Lead)
Junction to End Tab (Surface Mount
RθJL
RθJE
8
4
oC/W
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flow Available on Request.
Axial
Surface Mount
Square Tab
(SMS)


Similar Part No. - RC0086F_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0086F SSDI-RC0086F Datasheet
77Kb / 2P
   RECTIFIER
More results

Similar Description - RC0086F_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD3595 SSDI-SPD3595_1 Datasheet
113Kb / 2P
   STANDARD RECOVERY RECTIFIER
SPD5550 SSDI-SPD5550_1 Datasheet
156Kb / 2P
   STANDARD RECOVERY RECTIFIER
logo
Digitron Semiconductors
1N1183 DIGITRON-1N1183 Datasheet
124Kb / 3P
   STANDARD RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0091C SSDI-RC0091C_15 Datasheet
100Kb / 2P
   STANDARD RECOVERY RECTIFIER
SPD645-1 SSDI-SPD645-1_1 Datasheet
210Kb / 2P
   STANDARD RECOVERY RECTIFIER
R00005B SSDI-R00005B Datasheet
97Kb / 2P
   STANDARD RECOVERY RECTIFIER
R00019B SSDI-R00019B Datasheet
45Kb / 2P
   STANDARD RECOVERY RECTIFIER
RC0091C SSDI-RC0091C Datasheet
100Kb / 2P
   STANDARD RECOVERY RECTIFIER
RC0046F SSDI-RC0046F Datasheet
137Kb / 2P
   STANDARD RECOVERY RECTIFIER
logo
Digitron Semiconductors
BY228 DIGITRON-BY228 Datasheet
113Kb / 2P
   STANDARD RECOVERY RECTIFIER
logo
Solid States Devices, I...
SPD6557 SSDI-SPD6557_2 Datasheet
77Kb / 2P
   STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com