Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-20CTQ040-1PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-20CTQ040-1PBF
Description  Schottky Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-20CTQ040-1PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-20CTQ040-1PBF Datasheet HTML 1Page - Vishay Siliconix VS-20CTQ040-1PBF Datasheet HTML 2Page - Vishay Siliconix VS-20CTQ040-1PBF Datasheet HTML 3Page - Vishay Siliconix VS-20CTQ040-1PBF Datasheet HTML 4Page - Vishay Siliconix VS-20CTQ040-1PBF Datasheet HTML 5Page - Vishay Siliconix VS-20CTQ040-1PBF Datasheet HTML 6Page - Vishay Siliconix VS-20CTQ040-1PBF Datasheet HTML 7Page - Vishay Siliconix VS-20CTQ040-1PBF Datasheet HTML 8Page - Vishay Siliconix VS-20CTQ040-1PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94163
4
Revision: 12-Mar-10
VS-20CTQ...SPbF, VS-20CTQ...-1PbF Series
Vishay High Power Products
Schottky Rectifier,
2 x 10 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Fig. 7 - Maximum Non-Repetitive Surge Current (Per Leg)
Fig. 8 - Unclamped Inductive Test Circuit
IF(AV) - Average Forward Current (A)
015
145
150
160
175
180
5
165
10
170
155
DC
20CTQ
R
thJC (DC) = 3.25 °C/W
0
9
IF(AV) - Average Forward Current (A)
0
10
15
5
3
6
8
7
5
4
2
1
DC
D = 0.08
D = 0.17
D = 0.25
D = 0.33
D = 0.50
RMS limit
tp - Square Wave Pulse Duration (µs)
1000
10
100
1000
10 000
100
At any rated load condition
and with rated V
applied
following surge
RRM
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - VS-20CTQ040-1PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20CTQ040-1PbF VISHAY-VS-20CTQ040-1PbF Datasheet
162Kb / 9P
   High Performance Schottky Rectifier
Revision: 08-Dec-14
More results

Similar Description - VS-20CTQ040-1PBF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com