Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0087C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0087C
Description  GENERAL PURPOSE SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0087C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0087C_15 Datasheet HTML 1Page - Solid States Devices, Inc RC0087C_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SDR5712A2
__
__
Screening 2/ __ = Not Screen
TX = TX Level
TXV = TXV Level
S = S Level
Package 3/ GW = Gullwing
SDR5712A2GW
16 VOLTS
GENERAL PURPOSE
SILICON RECTIFIER
FEATURES:
 General Purpose Use in Industrial Service
 Operating Temperature Range -65°C to
200°C
 Power Dissipation 250 mW
MAXIMUM RATINGS
Symbol
Value
Units
Working Peak Inverse Voltage
PIV
16
Volts
Power Dissipation @ T
A = 25°C
Derating Factor from T
A =25°C to 200°C
PD
250
1.43
mW
mW/°C
Operating and Storage Temperature
TJ, Tstg
-65 to +200
°C
PACKAGE OUTLINE: GULLWING (GW)
.193
.015±.010
.040
±.010
.350
±.010
6x R.010
.033
3x .015
.010
.107
.130
2x .050
(=.100)
6x .030
.107
.034
.125
6x .010
.025
5x R.018
.015
.035
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0087C
DOC


Similar Part No. - RC0087C_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C Datasheet
115Kb / 2P
   SILICON RECTIFIER
More results

Similar Description - RC0087C_15

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE116 NTE-NTE116 Datasheet
18Kb / 2P
   General Purpose Silicon Rectifier
logo
Shanghai Shunye Electro...
1A1 SY-1A1 Datasheet
234Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1N4001S SY-1N4001S Datasheet
233Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201 SY-RL201 Datasheet
259Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
List of Unclassifed Man...
6A05 ETC1-6A05 Datasheet
744Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
10A05 ETC1-10A05 Datasheet
672Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
P600A-600M WINNERJOIN-P600A-600M Datasheet
185Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201-207 WINNERJOIN-RL201-207 Datasheet
173Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Diotech Company.
1N4001G DIOTECH-1N4001G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1A1 DIOTECH-1A1 Datasheet
681Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com