Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-175BGQ030 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-175BGQ030
Description  Schottky Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-175BGQ030 Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-175BGQ030 Datasheet HTML 1Page - Vishay Siliconix VS-175BGQ030 Datasheet HTML 2Page - Vishay Siliconix VS-175BGQ030 Datasheet HTML 3Page - Vishay Siliconix VS-175BGQ030 Datasheet HTML 4Page - Vishay Siliconix VS-175BGQ030 Datasheet HTML 5Page - Vishay Siliconix VS-175BGQ030 Datasheet HTML 6Page - Vishay Siliconix VS-175BGQ030 Datasheet HTML 7Page - Vishay Siliconix VS-175BGQ030 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VS-175BGQ030
www.vishay.com
Vishay Semiconductors
Revision: 04-Jul-11
2
Document Number: 94583
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
TYP.
MAX.
UNITS
Forward voltage drop
VFM (1)
100 A
TJ = 25 °C
0.47
0.49
V
175 A
0.55
0.59
100 A
TJ = 150 °C
0.36
0.39
175 A
0.47
0.52
Reverse leakage current
IRM (1)
TJ = 125 °C, VR = 15 V
160
220
mA
TJ = 150 °C, VR = 30 V
1400
2000
TJ = 25 °C
VR = Rated VR
1.3
4.5
TJ = 125 °C
450
650
Maximum junction capacitance
CT
VR = 5 VDC, (test signal range 100 kHz to 1 MHz), 25 °C
8500
pF
Typical series inductance
LS
Measured from tab to mounting plane
3.5
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.25
°C/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.20
Approximate weight
5g
0.18
oz.
Mounting torque
minimum
1.2 (10)
N · m
(lbf · in)
maximum
2.4 (20)
Marking device
Case style PowerTab®
175BGQ045


Similar Part No. - VS-175BGQ030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-175BGQ030HF4 VISHAY-VS-175BGQ030HF4 Datasheet
144Kb / 6P
   High Performance Schottky Rectifier, 175 A
Revision: 16-Jun-15
VS-175BGQ030HF4 VISHAY-VS-175BGQ030HF4 Datasheet
146Kb / 6P
   High Performance Schottky Rectifier, 175 A
01-Jan-2022
VS-175BGQ030HF4 VISHAY-VS-175BGQ030HF4_15 Datasheet
130Kb / 6P
   High Performance Schottky Rectifier, 175 A
Revision: 16-Jun-15
VS-175BGQ030HF4 VISHAY-VS-175BGQ030HF4_V01 Datasheet
146Kb / 6P
   High Performance Schottky Rectifier, 175 A
01-Jan-2022
VS-175BGQ030 VISHAY-VS-175BGQ030_15 Datasheet
130Kb / 6P
   High Performance Schottky Rectifier, 175 A
Revision: 16-Jun-15
More results

Similar Description - VS-175BGQ030

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com