Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-175BGQ045 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-175BGQ045
Description  Schottky Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-175BGQ045 Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-175BGQ045 Datasheet HTML 1Page - Vishay Siliconix VS-175BGQ045 Datasheet HTML 2Page - Vishay Siliconix VS-175BGQ045 Datasheet HTML 3Page - Vishay Siliconix VS-175BGQ045 Datasheet HTML 4Page - Vishay Siliconix VS-175BGQ045 Datasheet HTML 5Page - Vishay Siliconix VS-175BGQ045 Datasheet HTML 6Page - Vishay Siliconix VS-175BGQ045 Datasheet HTML 7Page - Vishay Siliconix VS-175BGQ045 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VS-175BGQ045
www.vishay.com
Vishay Semiconductors
Revision: 17-Jun-11
4
Document Number: 94582
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
AverageForwardCurrent-IF
(AV)(A)
0
50
100
150
200
250
300
60
80
100
120
140
160
DC
Square wave (D=0.50)
80% rated Vr applied
see note (1)
AverageForwardCurrent-IF
(AV) (A)
0
50
100
150
200
250
0
50
100
150
200
180°
120°
90°
60°
30°
DC
RMS Limit
1000
10000
10
100
1000
10000
p
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Square Wave Pulse Duration - t
(mic rosec )
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - VS-175BGQ045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-175BGQ045HF4 VISHAY-VS-175BGQ045HF4 Datasheet
147Kb / 6P
   High Performance Schottky Rectifier, 175 A
Revision: 16-Jun-15
VS-175BGQ045HF4 VISHAY-VS-175BGQ045HF4 Datasheet
150Kb / 6P
   High Performance Schottky Rectifier, 175 A
01-Jan-2022
VS-175BGQ045HF4 VISHAY-VS-175BGQ045HF4_15 Datasheet
133Kb / 6P
   High Performance Schottky Rectifier, 175 A
Revision: 16-Jun-15
VS-175BGQ045HF4 VISHAY-VS-175BGQ045HF4_V01 Datasheet
150Kb / 6P
   High Performance Schottky Rectifier, 175 A
01-Jan-2022
VS-175BGQ045 VISHAY-VS-175BGQ045_15 Datasheet
128Kb / 6P
   High Performance Schottky Rectifier, 175 A
Revision: 16-Jun-15
More results

Similar Description - VS-175BGQ045

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com