Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-200CNQ045PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-200CNQ045PBF
Description  High Performance Schottky Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-200CNQ045PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-200CNQ045PBF Datasheet HTML 1Page - Vishay Siliconix VS-200CNQ045PBF Datasheet HTML 2Page - Vishay Siliconix VS-200CNQ045PBF Datasheet HTML 3Page - Vishay Siliconix VS-200CNQ045PBF Datasheet HTML 4Page - Vishay Siliconix VS-200CNQ045PBF Datasheet HTML 5Page - Vishay Siliconix VS-200CNQ045PBF Datasheet HTML 6Page - Vishay Siliconix VS-200CNQ045PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-200CNQ045PbF
www.vishay.com
Vishay Semiconductors
Revision: 26-Mar-14
1
Document Number: 94153
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Performance Schottky Rectifier, 200 A
FEATURES
• 150 °C TJ operation
• Center tap module
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• UL approved file E222165
• Designed and qualified for industrial level
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The VS-200CNQ... center tap Schottky rectifier module
series has been optimized for low reverse leakage at high
temperature. The proprietary barrier technology allows
for reliable operation up to 150 °C junction temperature.
Typical applications are in high current switching power
supplies, plating power supplies, UPS systems, converters,
freewheeling
diodes,
welding,
and
reverse
battery
protection.
PRODUCT SUMMARY
IF(AV)
200 A
VR
45 V
Package
TO-244
Circuit
Two diodes common cathode
Base common
cathode
Lug
terminal
anode 1
Lug
terminal
anode 2
TO-244
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
200
A
VRRM
45
V
IFSM
tp = 5 μs sine
26 000
A
VF
100 Apk, TJ = 125 °C (per leg)
0.52
V
TJ
Range
-55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-200CNQ045PbF
UNITS
Maximum DC reverse voltage
VR
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
See fig. 5
per leg
IF(AV)
50 % duty cycle at TC = 116 °C, rectangular waveform
100
A
per device
200
Maximum peak one cycle
non-repetitive surge current per leg
See fig. 7
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated
load condition and with
rated VRRM applied
26 000
A
10 ms sine or 6 ms rect. pulse
1550
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 17 A, L = 1 mH
135
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
20
A


Similar Part No. - VS-200CNQ045PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-200CNQ045PBF VISHAY-VS-200CNQ045PBF Datasheet
147Kb / 6P
   High Performance Schottky Rectifier, 200 A
Revision: 09-May-17
VS-200CNQ045PBF VISHAY-VS-200CNQ045PBF Datasheet
145Kb / 6P
   High Performance Schottky Rectifier, 200 A
01-Jan-2022
VS-200CNQ045PBF VISHAY-VS-200CNQ045PBF_17 Datasheet
147Kb / 6P
   High Performance Schottky Rectifier, 200 A
Revision: 09-May-17
VS-200CNQ045PBF VISHAY-VS-200CNQ045PBF_V01 Datasheet
145Kb / 6P
   High Performance Schottky Rectifier, 200 A
01-Jan-2022
More results

Similar Description - VS-200CNQ045PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20MQ060PBF VISHAY-VS-20MQ060PBF Datasheet
117Kb / 7P
   High Performance Schottky Rectifier
Revision: 16-Feb-15
VS-40L15CTSPBF VISHAY-VS-40L15CTSPBF_15 Datasheet
154Kb / 9P
   High Performance Schottky Rectifier
Revision: 24-Jul-14
VS-19TQ015SPBF VISHAY-VS-19TQ015SPBF Datasheet
153Kb / 8P
   High Performance Schottky Rectifier
Revision: 28-May-14
VS-47CTQ020SPBF VISHAY-VS-47CTQ020SPBF Datasheet
161Kb / 9P
   High Performance Schottky Rectifier
Revision: 09-Dec-14
VS-MBRS190-M3 VISHAY-VS-MBRS190-M3 Datasheet
125Kb / 8P
   High Performance Schottky Rectifier
Revision: 26-Aug-14
VS-120NQ045PBF VISHAY-VS-120NQ045PBF_17 Datasheet
140Kb / 6P
   High Performance Schottky Rectifier, 120 A
Revision: 11-May-17
VS-121NQ045PBF VISHAY-VS-121NQ045PBF_17 Datasheet
140Kb / 6P
   High Performance Schottky Rectifier, 120 A
Revision: 08-May-17
VS-180NQ045PBF VISHAY-VS-180NQ045PBF_17 Datasheet
142Kb / 6P
   High Performance Schottky Rectifier
Revision: 08-May-17
VS-242NQ030PBF VISHAY-VS-242NQ030PBF_17 Datasheet
141Kb / 6P
   High Performance Schottky Rectifier, 240 A
Revision: 08-May-17
VS-245NQ015PBF VISHAY-VS-245NQ015PBF_17 Datasheet
144Kb / 6P
   High Performance Schottky Rectifier
Revision: 08-May-17
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
128Kb / 7P
   High Performance Schottky Rectifier
Revision: 23-May-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com