Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1497 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1497
Description  Dual 125mA, 50MHz Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1497 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1497 Datasheet HTML 4Page - Linear Technology LT1497 Datasheet HTML 5Page - Linear Technology LT1497 Datasheet HTML 6Page - Linear Technology LT1497 Datasheet HTML 7Page - Linear Technology LT1497 Datasheet HTML 8Page - Linear Technology LT1497 Datasheet HTML 9Page - Linear Technology LT1497 Datasheet HTML 10Page - Linear Technology LT1497 Datasheet HTML 11Page - Linear Technology LT1497 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1497
or power plane layer either inside or on the opposite side
of the board. Copper board stiffeners and plated through-
holes can also be used to spread the heat generated by the
device. Table 1 lists the thermal resistance for several
different board sizes and copper areas. All measurements
were taken in still air on 3/32" FR-4 board with 2oz copper.
This data can be used as a rough guideline in estimating
thermal resistance. The thermal resistance for each appli-
cation will be affected by thermal interactions with other
components as well as board size and shape.
Table 1. Fused 16-lead and 8-lead SO Packages
TOTAL
θJA
θJA
TOPSIDE
BACKSIDE
COPPER AREA
(16-LEAD)
(8-LEAD)
2500mm2
2500mm2
5000mm2
40
°C/W
80
°C/W
1000mm2
2500mm2
3500mm2
46
°C/W
92
°C/W
600mm2
2500mm2
3100mm2
48
°C/W
96
°C/W
180mm2
2500mm2
2680mm2
49
°C/W
98
°C/W
180mm2
1000mm2
1180mm2
56
°C/W
112
°C/W
180mm2
600mm2
780mm2
58
°C/W
116
°C/W
180mm2
300mm2
480mm2
59
°C/W
118
°C/W
180mm2
100mm2
280mm2
60
°C/W
120
°C/W
180mm2
0mm2
180mm2
61
°C/W
122
°C/W
Calculating Junction Temperature
The junction temperature can be calculated from the
equation:
TJ = (PD)(θJA) + TA
TJ = Junction Temperature
TA = Ambient Temperature
PD = Power Dissipation
θJA = Thermal Resistance (Junction-to-Ambient)
As an example, calculate the junction temperature for the
circuit in Figure 1 assuming an 85
°Cambienttemperature.
The device dissipation can be found by measuring the
supply currents, calculating the total dissipation and then
subtracting the dissipation in the load and feedback net-
work. Both amplifiers are in a gain of –1.
The dissipation for each amplifier is:
PD = (1/2)(86.4mA)(30V) – (10V)2/(200||560) = 0.62W
The total dissipation is 1.24W. When a 2500mm2 PC
board with 2oz copper on top and bottom is used, the
thermal resistance is 40
°C/W. The junction temperature
TJ is:
TJ = (1.24W)(40°C/W) + 85°C = 135°C
The maximum junction temperature for the LT1497 is
150
°C, so the heat sinking capability of the board is
adequate for the application.
If the copper area on the PC board is reduced to 180mm2
the thermal resistance increases to 61
°C/W and the junc-
tion temperature becomes:
TJ = (1.24W)(61°C/W) + 85°C = 161°C
which is above the maximum junction temperature indi-
cating that the heat sinking capability of the board is
inadequate and should be increased.
APPLICATIONS INFORMATION
COPPER AREA (2oz)
560
– 15V
560
560
560
86.4mA
15V
200
200
1497 F01
A
–10V
10V
f = 2MHz
Figure 1. Thermal Calculation Example
Slew Rate
Unlike a traditional op amp, the slew rate of a current
feedback amplifier is not independent of the amplifier gain
configuration. There are slew rate limitations in both the
input stage and the output stage. In the inverting mode and
for higher gains in the noninverting mode, the signal
amplitude on the input pins is small and the overall slew
rate is that of the output stage. The input stage slew rate
is related to the quiescent current in the input devices.
Referring to the Simplified Schematic, for noninverting
applications the two current sources in the input stage
slew the parasitic internal capacitances at the bases of Q3
and Q4. Consider a positive going input at the base of Q1
and Q2. If the input slew rate exceeds the internal slew rate,


Similar Part No. - LT1497

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1497 LINER-LT1497 Datasheet
264Kb / 12P
   Dual 125mA, 50MHz Current Feedback Amplifier
LT1497 LINER-LT1497_15 Datasheet
264Kb / 12P
   Dual 125mA, 50MHz Current Feedback Amplifier
More results

Similar Description - LT1497

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1497 LINER-LT1497_15 Datasheet
264Kb / 12P
   Dual 125mA, 50MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2020 INTERSIL-EL2020 Datasheet
257Kb / 14P
   50MHz Current Feedback Amplifier
logo
Linear Technology
LT1795 LINER-LT1795 Datasheet
187Kb / 12P
   Dual 500mA/50MHz Current Feedback Line Driver Amplifier
LT1795 LINER-LT1795_15 Datasheet
160Kb / 12P
   Dual 500mA/50MHz Current Feedback Line Driver Amplifier
logo
Elantec Semiconductor
EL5293C ELANTEC-EL5293C Datasheet
302Kb / 15P
   Dual 300MHz Current Feedback Amplifier
EL5292C ELANTEC-EL5292C Datasheet
307Kb / 15P
   Dual 600MHz Current Feedback Amplifier
logo
Intersil Corporation
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
logo
Linear Technology
LT1207 LINER-LT1207_15 Datasheet
323Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
logo
Texas Instruments
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com