Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFT11G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SFT11G
Description  Glass Passivated Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFT11G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SFT11G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFT11G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFT11G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SFT11G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
SFT16G
SFT16G
(TA=25℃ unless otherwise noted)
Document Number: DS_D1312029
Version: H13
PACKING
TS-1
R0
3,000 / Ammo box (52mm taping)
SFT11G thru SFT18G
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
3,000 / Ammo box (26mm taping)
TS-1
B0
TS-1
Note 1: "x" defines voltage from 50V (SFT11G) to 600V (SFT18G)
SFT1xG
(Note 1)
A0
Suffix "G"
TS-1
A1
A0
G
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
RATINGS AND CHARACTERISTICS CURVES
Green compound
DESCRIPTION
1,000 / Bulk packing
5,000 / 13" Paper reel
SFT16G A0
A0
SFT16G A0G
0.0
0.5
1.0
1.5
0
255075
100
125
150
175
AMBIENT TEMPERATURE (oC)
FIG.1- MAXIMUM AVERAGE FORWARD
CURRENT DERATING
RESISTIVE OR
INDUCTIVE LOAD
0
5
10
15
20
25
30
35
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
TJ=75℃
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 4- TYPICAL FORWARD CHARACTERISTICS
SFT17G-SFT18G
Pulse Width=300μs
1% Duty Cycle
SFT15G-SFT16G
SFT11G-SFT14G


Similar Part No. - SFT11G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFT11G TSC-SFT11G Datasheet
62Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SFT11G TSC-SFT11G Datasheet
286Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
SFT11G TSC-SFT11G Datasheet
190Kb / 2P
   1.0AMP. Glass Passivated Super Fast Rectifiers
SFT11G TSC-SFT11G Datasheet
429Kb / 4P
   1.0AMP. Glass Passivated Super Fast Rectifiers
SFT11G TSC-SFT11G_1 Datasheet
286Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SFT11G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
   Glass Passivated Super Fast Rectifiers
logo
Silicon Standard Corp.
MUR805CT SSC-MUR805CT Datasheet
308Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
   Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
MUR805 SSC-MUR805 Datasheet
280Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11G SECOS-SF11G_15 Datasheet
152Kb / 2P
   Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com