Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR203 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR203
Description  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR203 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR203 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR203 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR203 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR203 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low forward voltage drop
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
20
30
40
50
60
90
100
150
200
V
VRMS
14
21
28
35
42
63
70
105
140
V
VDC
20
30
40
50
60
90
100
150
200
V
IF(AV)
A
dV/dt
V/μs
TJ
OC
TSTG
OC
Document Number: DS_D1408018
Version: I14
SYMBOL
SR202 thru SR220
Schottky Barrier Rectifier
Taiwan Semiconductor
MECHANICAL DATA
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Case:
DO-204AC (DO-15)
FEATURES
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Weight:
0.4g (approximately)
PARAMETER
Maximum DC blocking voltage
Maximum average forward rectified current
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
2
SR
203
SR
204
SR
202
SR
220
UNIT
SR
210
mA
OC/W
Voltage rate of change (Rated VR)
10000
-
2
-
Maximum reverse current @ rated VR TJ=25
oC
TJ=100
oC
TJ=125
oC
IR
0.5
Note 1: Pulse test with PW=300 μs, 1% duty cycle
Typical thermal resistance
RθJC
RθJL
RθJA
Operating junction temperature range
14
21.7
75
Storage temperature range
- 55 to +150
- 55 to +125
- 55 to +150
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
10
5
0.1
-
Maximum instantaneous forward voltage (Note 1)
@ 2 A
VF
50
0.55
DO-204AC (DO-15)
0.70
0.85
V
A
SR
205
SR
215
0.95
SR
206
SR
209


Similar Part No. - SR203

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR203 MOSPEC-SR203 Datasheet
222Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Shenzhen Luguang Electr...
SR203 LUGUANG-SR203 Datasheet
1Mb / 2P
   2.0AMP. Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SR203 MCC-SR203 Datasheet
80Kb / 2P
   2 Amp Schottky Barrier Rectifier 20 - 60 Volts
logo
Taiwan Semiconductor Co...
SR203 TSC-SR203 Datasheet
63Kb / 2P
   2.0 AMPS. Schottky Barrier Rectifiers
SR203 TSC-SR203 Datasheet
162Kb / 2P
   2.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR203

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com