Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR204 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SR204
Description  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR204 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SR204 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR204 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR204 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR204 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
SR206
SR206
SR206
(TA=25
oC unless otherwise noted)
Document Number: DS_D1408018
Version: I14
SR202 thru SR220
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
SR2xx
(Note 1)
Prefix "H"
Suffix "G"
DO-15
1,500 / Ammo box
R0
DO-15
3,500 / 13" Paper reel
B0
DO-15
1,000 / Bulk packing
PACKAGE
PACKING
Note 1: "xx" defines voltage from 20V (SR202) to 200V (SR220)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
A0
SR206 A0
A0
SR206 A0G
A0
G
Green compound
SR206HA0
H
A0
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
175
LEAD TEMPERATURE (oC)
FIG.1- FORWARD CURRENT DERATING CURVE
SR205 - SR220
SR202 - SR204
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.001
0.01
0.1
1
10
100
0
2040
6080
100
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
TJ=25oC
TJ=75oC
TJ=125oC
SR202 - SR206
SR209 - SR220
0.1
1
10
100
0.1 0.3
0.5
0.7 0.9
1.1
1.3 1.5
1.7
1.9 2.1
FORWARD VOLTAGE (V)
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
SR202-SR204
SR205-SR206
SR215-SR220
SR209-SR210
Pulse Wudth=300μs
1% Duty Cycle


Similar Part No. - SR204

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR204 MOSPEC-SR204 Datasheet
222Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Frontier Electronics.
SR204 FRONTIER-SR204 Datasheet
126Kb / 2P
   2A SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Gude Electronic D...
SR204 JGD-SR204 Datasheet
121Kb / 2P
   2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SR204 MCC-SR204 Datasheet
211Kb / 3P
   2 Amp Schottky Barrier Rectifier 20 - 60 Volts
SR204 MCC-SR204 Datasheet
80Kb / 2P
   2 Amp Schottky Barrier Rectifier 20 - 60 Volts
More results

Similar Description - SR204

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com