Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR502 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR502
Description  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR502 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR502 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR502 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR502 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR502 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low forward voltage drop
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test,
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
20
30
40
50
60
90
100
150
200
V
VRMS
14
21
28
35
42
63
70
105
140
V
VDC
20
30
40
50
60
90
100
150
200
V
IF(AV)
A
dV/dt
V/μs
TJ
OC
TSTG
OC
Document Number: D1308008
Version: I13
SR502 thru SR520
Taiwan Semiconductor
Schottky Barrier Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
DO-201AD
DO-201AD
Weight:
1.1 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
SR
502
SR
503
SR
504
SR
505
SR
506
SR
509
SR
510
SR
515
SR
520
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
5
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
120
A
Maximum instantaneous forward voltage (Note 1)
@ 5 A
VF
0.55
0.70
0.85
1.05
V
Maximum reverse current @ rated VR TJ=25 ℃
TJ=100℃
TJ=125 ℃
IR
0.5
0.1
mA
15
10
-
--
Voltage rate of change (Rated VR)
10000
Typical thermal resistance
RθJC
RθJA
6
35
51
OC/W
Operating junction temperature range
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300 μs, 1% duty cycle
- 55 to +125
- 55 to +150


Similar Part No. - SR502

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR502 MOSPEC-SR502 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
logo
Frontier Electronics.
SR502 FRONTIER-SR502 Datasheet
125Kb / 2P
   5A SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Gude Electronic D...
SR502 JGD-SR502 Datasheet
147Kb / 2P
   5.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Taychipst Elec...
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SR502 DIODES-SR502 Datasheet
64Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23005 Rev. E-3
More results

Similar Description - SR502

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com