Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR4020PT Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SR4020PT
Description  Dual Common Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR4020PT Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SR4020PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR4020PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR4020PT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR4020PT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
15.90
16.40
0.626
0.646
B
7.90
8.20
0.311
0.323
C
5.70
6.20
0.224
0.244
D
20.80
21.30
0.819
0.839
E
3.50
4.10
0.138
0.161
F
19.70
20.20
0.776
0.795
G
-
4.30
-
0.169
H
2.90
3.40
0.114
0.134
I
1.93
2.18
0.076
0.086
J
2.97
3.22
0.117
0.127
K
1.12
1.22
0.044
0.048
L
5.20
5.70
0.205
0.224
M
4.90
5.16
0.193
0.203
N
2.70
3.00
0.106
0.118
O
0.51
0.76
0.020
0.030
P/N
= Marking Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1309032
Version: G13
MARKING DIAGRAM
SR4020PT thru SR40100PT
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
PER LEG
SR4050PT-40100PT
SR4020PT-4040PT
0.1
1
10
100
0.01
0.1
1
10
100
T, PULSE DURATION. (sec)
FIG. 6- TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG


Similar Part No. - SR4020PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR4020PT TSC-SR4020PT Datasheet
100Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
SR4020PT TSC-SR4020PT Datasheet
220Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
SR4020PT TSC-SR4020PT Datasheet
598Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
SR4020PT TSC-SR4020PT Datasheet
245Kb / 3P
   40.0AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
logo
Nantong Hornby Electron...
SR4020PT HORNBY-SR4020PT Datasheet
276Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR4020PT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com