Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR4030PT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR4030PT
Description  Dual Common Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR4030PT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR4030PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR4030PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR4030PT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR4030PT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
20
30
40
50
60
90
100
V
VRMS
14
21
28
35
42
63
70
V
VDC
20
30
40
50
60
90
100
V
IF(AV)
A
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1309032
Version: G13
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
TO-247AD (TO-3P)
Polarity:
As marked
SR4020PT thru SR40100PT
Taiwan Semiconductor
Dual Common Cathode Schottky Rectifier
FEATURES
SR
4020
PT
SR
4030
PT
SR
4040
PT
SR
4050
PT
SR
4060
PT
TO-247AD (TO-3P)
SR
4090
PT
SR
40100
PT
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Mounting torque:
10 in-lbs maximum
Weight:
6.1 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
Maximum DC blocking voltage
Maximum average forward rectified current
40
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
400
mA
10
A
Maximum instantaneous forward voltage (Note 1)
IF= 20 A
VF
0.55
0.70
0.90
V
Storage temperature range
- 55 to +150
Maximum reverse current @ rated VR TJ=25 ℃
TJ=100 ℃
TJ=125 ℃
IR
1.0
0.5
Note 1: Pulse test with PW=300μs, 1% duty cycle
30
20
-
-
Typical thermal resistance
1.2
Operating junction temperature range
- 55 to +125
- 55 to +150


Similar Part No. - SR4030PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR4030PT TSC-SR4030PT Datasheet
100Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
SR4030PT TSC-SR4030PT Datasheet
220Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
SR4030PT TSC-SR4030PT Datasheet
598Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
SR4030PT HORNBY-SR4030PT Datasheet
276Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
HY ELECTRONIC CORP.
SR4030PT HY-SR4030PT Datasheet
369Kb / 3P
   Schottky Barrier Recitifiers
More results

Similar Description - SR4030PT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com