Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRAF850 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SRAF850
Description  Isolated Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAF850 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SRAF850 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAF850 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SRAF850 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SRAF850 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
SRAF860
SRAF860
(TA=25℃ unless otherwise noted)
Document Number: DS_D1309006
Version: H13
RATINGS AND CHARACTERISTICS CURVES
SRAF860 C0
C0
SRAF860 C0G
C0
G
50 / Tube
Note 1: "xx" defines voltage from 20V (SRAF820) to 150V (SRAF8150)
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
GREEN COMPOUND
CODE
PACKAGE
SRAF8xx
(Note 1)
C0
Suffix "G"
ITO-220AC
PACKING
Green compound
DESCRIPTION
SRAF820 thru SRAF8150
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
0
2
4
6
8
10
0
50
100
150
CASE TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
SRAF850-SRAF8150
SRAF820-SRAF840
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
25
50
75
100
125
150
175
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
FIG. 4- TYPICAL REVERSE
CHARACTERISTICS
TJ=25℃
TJ=100℃
TJ=75℃
0.1
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
FORWARD VOLTAGE. (V)
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
SRAF850-SRAF860
SRAF820-SRAF840
SRAF890-8100
SRAF8150
Pulse Width=300μs
1% Duty Cycle


Similar Part No. - SRAF850

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAF850 TSC-SRAF850 Datasheet
84Kb / 2P
   Isolation 8.0 AMPS. Schottky Barrier Rectifiers
SRAF850 TSC-SRAF850 Datasheet
185Kb / 2P
   Isolated 8.0 AMPS. Schottky Barrier Rectifiers
SRAF850 TSC-SRAF850 Datasheet
622Kb / 2P
   Isolated 8.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SRAF850

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF2035 TSC-MBRF2035_14 Datasheet
218Kb / 4P
   Isolated Schottky Barrier Rectifiers
MBRF735 TSC-MBRF735_14 Datasheet
226Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_14 Datasheet
215Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF520 TSC-SRAF520_14 Datasheet
250Kb / 4P
   Isolated Schottky Barrier Rectifiers
MBRF1035 TSC-MBRF1035_14 Datasheet
226Kb / 4P
   Isolated Schottky Barrier Rectifiers
MBRF1635 TSC-MBRF1635_14 Datasheet
220Kb / 4P
   Isolated Schottky Barrier Rectifiers
MBRF16H45 TSC-MBRF16H45_14 Datasheet
209Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF1620 TSC-SRAF1620_14 Datasheet
215Kb / 4P
   Isolated Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_13 Datasheet
246Kb / 3P
   8.0AMPS. Isolated Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT_13 Datasheet
248Kb / 3P
   20.0AMPS Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com