Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFO-18-IP Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LFO-18-IP
Description  Hermetically sealed modules are performed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LFO-18-IP Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LFO-18-IP Datasheet HTML 1Page - Roithner LaserTechnik GmbH LFO-18-IP Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.53
÷÷÷÷ 1.57
!!!!m
CW output power
> 0.8 mW
LFO-18-ip
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
A-1040 VIENNA, SCHOENBRUNNER STRASSE 7, AUSTRIA
TEL: +43 -1- 586 52 43-0 FAX: +43 -1- 586 52 43-44
e-mail: office@roithner-laser.com
http://www.roithner-laser.com
Description:
LFO-18-ip – is a series of optical modules based on Mitsubishi 1550nm MQW
InGaAsP/InP Fabry-Perot laser diode and coupled with singlemode optical
fiber. Hermetically sealed modules are performed in standard coaxial pack-
age with built-in InGaAs monitor photodiode and collimating ball lens.
The modules operate in wide temperature range, have stable output power
and more than 5*105 hours of lifetime.
LFO-18-ip – are the best light sources for digital (up to 622Mb/s) fiber-optic
communication lines, optical testers, systems of optical synchronization
and other applications.
Absolute maximum ratings:
Laser diode
Max. output power (mW)
1.2
Reverse voltage (V)
2.0
Monitor photodiode
Reverse voltage (V)
10
Forward current (mA)
2.0
Environment
Operating temperature range (оС)
-40..+55
Storage temperature range (оС)
-40..+70
Assembly
Pin soldering temperature (оС)
200
Pin soldering time (sec)
3.0
Optical and electrical characteristics (Т=25оС):
Characteristics
Symbol
Test condition
Min
Typ.
Max
Units
Laser diode
Output power from fiber end
POP
IOP
0.8
mW
Wavelength
λOP
POP
1530
1550
1570
nm
Spectral width (FWHM)
∆λ
POP
1.0
2.5
nm
Threshold current
ITH
CW
5.0
10
15
mA
Forward current
IF
POP
25
35
45
mA
Forward voltage
UOP
POP
1.1
1.5
V
Rise time/fall time
τRF
POP
0.3
0.7
ns
Monitor photodiode
Monitor current
IPD
UREV=5.0 V, POP
100
500
µA
Dark current
ID
UREV=5.0 V
0.01
0.1
µA
Capacitance
CPD
UREV=5.0 V, f=1 MHz
10
20
pF
Optical fiber
Fiber core/cladding diameter
DC/DCL
9/125
µm
Fiber length
L
400..1500
mm
Optical connector type
«FC»


Similar Part No. - LFO-18-IP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LFO-18-I ETC1-LFO-18-I Datasheet
162Kb / 2P
   CW output power > 0.8 mW
More results

Similar Description - LFO-18-IP

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N708A NJSEMI-1N708A Datasheet
34Kb / 1P
   1N708A series types are Hermetically Sealed Axial Lead Silicon
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
   Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
62096 MICROPAC-62096 Datasheet
77Kb / 2P
   Hermetically sealed
62120 MICROPAC-62120 Datasheet
66Kb / 2P
   Hermetically sealed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com