Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1510IS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1510IS8
Description  Constant-Voltage/ Constant-Current Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1510IS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1510IS8 Datasheet HTML 7Page - Linear Technology LT1510IS8 Datasheet HTML 8Page - Linear Technology LT1510IS8 Datasheet HTML 9Page - Linear Technology LT1510IS8 Datasheet HTML 10Page - Linear Technology LT1510IS8 Datasheet HTML 11Page - Linear Technology LT1510IS8 Datasheet HTML 12Page - Linear Technology LT1510IS8 Datasheet HTML 13Page - Linear Technology LT1510IS8 Datasheet HTML 14Page - Linear Technology LT1510IS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1510/LT1510-5
APPLICATIONS INFORMATION
period, after which the LT1510 can be shut down by
pulling the VC pin low with an open collector or drain.
Some external means must be used to detect the need for
additional charging if needed, or the charger may be
turned on periodically to complete a short float-voltage
cycle.
Current trip level is determined by the battery voltage, R1
through R3, and the internal LT1510 sense resistor
(
≈ 0.18Ω pin-to-pin). D2 generates hysteresis in the trip
level to avoid multiple comparator transitions.
Nickel-Cadmium and Nickel-Metal-Hydride Charging
The circuit in Figure 6 uses the 8-pin LT1510 to charge
NiCd or NiMH batteries up to 12V with charging currents
of 0.5A when Q1 is on and 50mA when Q1 is off.
of the battery, canceling part or all of the 200
µA. Note that
if net current is into the battery and the battery is removed,
the charger output voltage will float high, to near input
voltage. This could be a problem when reinserting the
battery, if the resulting output capacitor/battery surge
current is high enough to damage either the battery or the
capacitor.
If net current into the battery must be less than zero in
shutdown, there are several options. Increasing divider
current to 300
µA - 400µA will ensure that net battery
current is less than zero. For long term storage conditions
however, the divider may need to be disconnected with a
MOSFET switch as shown in Figures 2 and 5. A second
option is to connect a 1N914 diode in series with the
MOSFET drain. This will limit how far the VC pin will be pulled
down, and current (
≈ 700µA) will flow into the BAT pin, and
therefore out of the battery. This is not usually a problem
unless the charger will remain in the shutdown state with
input power applied for very long periods of time.
Removing input power to the charger will cause the BAT
pin current to drop to near zero, with only the divider
current remaining as a small drain on the battery. Even
that current can be eliminated with a switch as shown in
Figures 2 and 5.
Figure 5. Disconnecting Voltage Divider
Some battery manufacturers recommend termination of
constant-voltage float mode after charging current has
dropped below a specified level (typically 50mA to 100mA)
and a further time-out period of 30 minutes to 90 minutes
has elapsed. This may extend the life of the battery, so
check with manufacturers for details. The circuit in Figure
7 will detect when charging current has dropped below
75mA. This logic signal is used to initiate a time-out
Figure 6. Charging NiMH or NiCd Batteries
(Efficiency at 0.5A
≈ 90%)
For a 2-level charger, R1 and R2 are found from:
I
R
BAT
PROG
= ()(
)
2000 2 465
.
R
I
R
II
LOW
HI
LOW
1
2 465 2000
2
2 465 2000
= ()(
)
= ()(
)
..
All battery chargers with fast-charge rates require some
means to detect full charge state in the battery to terminate
the high charging current. NiCd batteries are typically
charged at high current until temperature rise or battery
R3
12k
R4
4.99k
0.25%
R5
220k
OVP
VIN
+
+
4.2V
4.2V
VBAT
Q3
VN2222
LT1510
1510 F05
SW
BOOST
GND
SENSE
VCC
PROG
VC
BAT
R2
11k
+
R1
100k
Q1
VN2222
* TOKIN OR MARCON CERAMIC
SURFACE MOUNT
** COILTRONICS CTX33-2
WALL
ADAPTER
1510 F05.5
C1
0.22
µF
CIN*
10
µF
L1**
33
µH
LT1510
D1
1N5819
D3
1N5819
D2
1N914
+
COUT
22
µF
TANT
0.1
µF
+
1k
1
µF
300
2V TO
20V
IBAT
ON: IBAT = 0.5A
OFF: IBAT = 0.05A


Similar Part No. - LT1510IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
More results

Similar Description - LT1510IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
   Constant Voltage/Constant Current Battery Charger
logo
Linear Technology
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1512 LINER-LT1512 Datasheet
261Kb / 12P
   SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1512 LINER-LT1512_15 Datasheet
211Kb / 14P
   SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1513 LINER-LT1513_15 Datasheet
220Kb / 16P
   SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Integrated Syste...
LT1513-2CR LINEAR-LT1513-2CR Datasheet
197Kb / 16P
   SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Technology
LT1513 LINER-LT1513 Datasheet
299Kb / 16P
   SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Dimensions Semic...
LT1513-2CT7 LINEAR_DIMENSIONS-LT1513-2CT7 Datasheet
220Kb / 16P
   SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Technology
LT1513-2 LINER-LT1513-2_15 Datasheet
220Kb / 16P
   SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com