Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD753304 Datasheet(PDF) 1 Page - NEC

Part # UPD753304
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753304 Datasheet(HTML) 1 Page - NEC

  UPD753304 Datasheet HTML 1Page - NEC UPD753304 Datasheet HTML 2Page - NEC UPD753304 Datasheet HTML 3Page - NEC UPD753304 Datasheet HTML 4Page - NEC UPD753304 Datasheet HTML 5Page - NEC UPD753304 Datasheet HTML 6Page - NEC UPD753304 Datasheet HTML 7Page - NEC UPD753304 Datasheet HTML 8Page - NEC UPD753304 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
4-BIT SINGLE-CHIP MICROCONTROLLER
MOS INTEGRATED CIRCUIT
µPD753304
The information in this document is subject to change without notice.
Document No. U11874EJ1V0DS00 (1st edition)
Date Published
October 1997 N
Printed in Japan
DESCRIPTION
The
µPD753304 is one of the 75XL series 4-bit single-chip microcontroller chips and has a data processing
capability comparable to that of an 8-bit microcontroller.
Since it inherits the 75X series CPU, it has upward compatibility.
While the conventional 75X series products with an on-chip LCD controller/driver use an 80-pin package, the
µPD753304 is sold as a pellet/wafer to make it possible to be built into portable devices with an LCD display
function, etc.
For detailed function descriptions, refer to the following user’s manual.
µPD753304 User’s Manual: U12020E
FEATURES
RC oscillation circuit on chip
·
Main system clock: fCC = 3.6 MHz (typical value with 6.8-k
Ω external resistor connected. An internal
10-pF (typ.) capacitor is provided.)
·
Subsystem clock : fCT = 47 kHz (typ.) (Both a resistor and a capacitor are provided internally.)
Processing can be started immediately after standby mode is released.
Oscillation of the subsystem clock can be stopped in STOP mode.
Supply voltage: VDD = 2.5 to 5.5 V
On-chip memory
·
Program memory (ROM) : 4096
× 8 bits
·
Data memory (RAM)
: 256
× 4 bits
Variable instruction execution time function useful for power saving
·
1.1, 2.2, 4.4, 17.8
µs (in fCC = 3.6 MHz operation)
·
85.1
µs (in fCT = 47 kHz operation)
Programmable LCD controller/driver on chip
Sold as a pellet/wafer to make it possible to be built into portable devices with an LCD display function
APPLICATION
Small LCD display device, etc.
ORDERING INFORMATION
Part Number
Package
µPD753304P-XXX
Pellet
µPD753304W-XXX
Wafer
Caution The
µPD753304 is sold as a pellet/wafer. However, an ES product in 42-pin ceramic shrink DIP
is also available.
Remark XXX is a ROM code suffix.
For the pellet/wafer, consult NEC because an agreement concerning quality must be made.
The mark
shows major revised points.
©
1997
DATA SHEET


Similar Part No. - UPD753304

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD753304 RENESAS-UPD753304 Datasheet
395Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
UPD753304P-XXX RENESAS-UPD753304P-XXX Datasheet
395Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
UPD753304W-XXX RENESAS-UPD753304W-XXX Datasheet
395Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD753304

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com