Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1284A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1284A
Description  SAW Filter 862 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1284A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1284A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1284A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1284A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1284A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1284A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1284A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1284A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1284A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C.OUTLINE DRAWING:
: Year Code (2009->9, 2010->0,…, 2018->8)
: Date Code (W01->A,W02->B,…W27->a,…,W52->z)
D. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
2
5
1,3 ,4,6
2 : Input
5 : Output
1,3,4,6 : Ground
Unit : mm


Similar Part No. - TA1284A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1284 TOSHIBA-TA1284 Datasheet
316Kb / 9P
   UHF/VHF TUNER IC (LOW PHASE NOISE OSCILLATOR)
TA1284FN TOSHIBA-TA1284FN Datasheet
316Kb / 9P
   UHF/VHF TUNER IC (LOW PHASE NOISE OSCILLATOR)
TA1284FN TOSHIBA-TA1284FN Datasheet
173Kb / 9P
   UHF / VHF TUNER IC (Low Phase Noise Oscillator)
TA1284FN TOSHIBA-TA1284FN_03 Datasheet
173Kb / 9P
   UHF / VHF TUNER IC (Low Phase Noise Oscillator)
More results

Similar Description - TA1284A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1285A TAI-SAW-TA1285A Datasheet
362Kb / 8P
   SAW Filter 862 MHz
logo
API Technologies Corp
CMN712 APITECH-CMN712 Datasheet
77Kb / 1P
   862 MHz Band Reject Filter
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com