Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1310A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1310A
Description  SAW Filter 1588.655MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1310A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1310A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1310A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1310A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1310A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1310A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1310A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1310A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1310A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1588.655MHz
MODEL NO.:TA1310A
REV. NO.:2.0
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -40°C to +105°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance (single)
:
Zs = 50 Ω
Terminating load impedance (differential)
:
ZL = 100 Ω 
Item
Unit
Min.
Type.
Max. Note
Center Frequency
Fc
MHz
-
1588.655
-
-
Insertion Loss (1573.42~1577.42 MHz)
IL
dB
-
1.6
1.8
-
(1597.55~1605.89 MHz)
IL
dB
-
1.6
2
-
(1571.42~1605.89 MHz)
IL
dB
-
1.7
2
-
VSWR
(1573.42~1577.42 MHz)
-
1.6
1.8
-
(1597.55~1605.89 MHz)
-
2
2.2
-
(1571.42~1605.89 MHz)
-
2
2.2
-
Amplitude ripple (1573.42~1577.42 MHz)
dB
-
0.3
0.6
-
(1597.55~1605.89 MHz)
dB
-
0.3
0.6
-
(1571.42~1605.89 MHz)
dB
-
0.5
1
-
G-Delay ripple (1573.42~1577.42 MHz)
nS
-
4
8
-
(1597.55~1605.89 MHz)
nS
-
7
1
-
(1571.42~1605.89 MHz)
nS
-
8
11
-
Attenuation
500 ~ 1350
MHz
dB
45
50
-
-
1350 ~ 1450
MHz
dB
42
45
-
-
1450 ~ 1525
MHz
dB
20
25
-
-
1650 ~ 1700
MHz
dB
19
21
-
-
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device (ESD)


Similar Part No. - TA1310A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1310A GOLLEDGE-TA1310A Datasheet
164Kb / 6P
   SAW Filter 1586.360MHz
logo
Toshiba Semiconductor
TA1310AN TOSHIBA-TA1310AN Datasheet
3Mb / 104P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
TA1310ANG TOSHIBA-TA1310ANG Datasheet
2Mb / 106P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
More results

Similar Description - TA1310A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1267A TAI-SAW-TA1267A Datasheet
161Kb / 8P
   SAW Filter 1588.655MHz
TA1795A TAI-SAW-TA1795A Datasheet
425Kb / 7P
   SAW Filter 1588.655MHz
TA1267B TAI-SAW-TA1267B Datasheet
433Kb / 8P
   SAW Filter 1588.655MHz
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com