Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1310A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1310A
Description  SAW Filter 1588.655MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1310A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1310A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1310A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1310A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1310A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1310A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1310A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1310A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1310A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
1700 ~ 2150
MHz
dB
23
28
-
-
2150 ~ 2300
MHz
dB
35
40
-
-
2300 ~ 2700
MHz
dB
42
45
-
-
Package size
mm
SMD 1.4x1.1
C.OUTLINE DRAWING:
□ : Year/Month Code (Follow the table)
YEAR/Month
1
2
3
4
5
6
7
8
9
10
11
12
2013
A
B
C
D
E
F
G
H
J
K
L
M
2014
N
P
Q
R
S
T
U
V
W
X
Y
Z
2015
a
b
c
d
e
f
g
h
j
k
l
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
2017
A
B
C
D
E
F
G
H
J
K
L
M
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2019
a
b
c
d
e
f
g
h
j
k
l
m
2020
n
p
q
r
s
t
u
v
w
x
y
z
C : Input
A,E : Output
,B,D : Ground
Unit : mm
Top view
Bottom view
side view
n


Similar Part No. - TA1310A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1310A GOLLEDGE-TA1310A Datasheet
164Kb / 6P
   SAW Filter 1586.360MHz
logo
Toshiba Semiconductor
TA1310AN TOSHIBA-TA1310AN Datasheet
3Mb / 104P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
TA1310ANG TOSHIBA-TA1310ANG Datasheet
2Mb / 106P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
More results

Similar Description - TA1310A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1267A TAI-SAW-TA1267A Datasheet
161Kb / 8P
   SAW Filter 1588.655MHz
TA1795A TAI-SAW-TA1795A Datasheet
425Kb / 7P
   SAW Filter 1588.655MHz
TA1267B TAI-SAW-TA1267B Datasheet
433Kb / 8P
   SAW Filter 1588.655MHz
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com