Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1521IS8-3 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1521IS8-3
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1521IS8-3 Datasheet(HTML) 4 Page - Linear Technology

  LT1521IS8-3 Datasheet HTML 1Page - Linear Technology LT1521IS8-3 Datasheet HTML 2Page - Linear Technology LT1521IS8-3 Datasheet HTML 3Page - Linear Technology LT1521IS8-3 Datasheet HTML 4Page - Linear Technology LT1521IS8-3 Datasheet HTML 5Page - Linear Technology LT1521IS8-3 Datasheet HTML 6Page - Linear Technology LT1521IS8-3 Datasheet HTML 7Page - Linear Technology LT1521IS8-3 Datasheet HTML 8Page - Linear Technology LT1521IS8-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1521/LT1521-3
LT1521-3.3/LT1521-5
ELECTRICAL CHARACTERISTICS
TEMPERATURE (
°C)
–50
0.7
25
LT1521 • TPC02
0.4
0.2
–25
0
50
0.1
0
0.8
0.6
0.5
0.3
75
100
125
ILOAD = 1mA
ILOAD = 50mA
ILOAD = 150mA
ILOAD = 300mA
ILOAD = 100mA
TEMPERATURE (
°C)
–50
15.0
12.5
10.0
7.5
5.0
2.5
0
25
75
LT1521 • TPC03
–25
0
50
100
125
VIN = 6V
RL =
ILOAD = 0
VSHDN = OPEN
VSHDN = 0V
Quiescent Current
Guaranteed Dropout Voltage
OUTPUT CURRENT (mA)
0
150
250
LT1521 • TPC01
50
100
200
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
300
TJ ≤ 125°C
TJ ≤ 25°C
= TEST POINTS
Dropout Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Reverse Leakage Current
VIN = – 20V, VOUT = 0V
q
1.0
mA
Reverse Output Current (Note 11)
LT1521-3
VOUT = 3V, VIN < 3V, TJ = 25°C5
10
µA
LT1521-3.3
VOUT = 3.3V, VIN < 3.3V, TJ = 25°C5
10
µA
LT1521-5
VOUT = 5V, VIN < 5V, TJ = 25°C5
10
µA
LT1521 (Note 5)
VOUT = 3.8V, VIN < 3.75V, TJ = 25°C5
10
µA
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The shutdown pin input voltage rating is required for a low
impedance source. Internal protection devices connected to the shutdown
pin will turn on and clamp the pin to approximately 7V or – 0.6V. This
range allows the use of 5V logic devices to drive the pin directly. For high
impedance sources or logic running on supply voltages greater than 5.5V,
the maximum current driven into the shutdown pin must be limited to less
than 5mA.
Note 3: For junction temperatures greater than 110
°C, a minimum load of
1mA is recommended. For TJ > 110°C and IOUT < 1mA, output voltage
may increase by 1%.
Note 4: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply for
all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 5: The LT1521 (adjustable version) is tested and specified with the
adjust pin connected to the output pin.
Note 6: Dropout voltage is the minimum input/output voltage required to
maintain regulation at the specified output current. In dropout the output
voltage will be equal to: (VIN – VDROPOUT)
Note 7: Ground pin current is tested with VIN = VOUT (nominal) and a
current source load. This means the device is tested while operating in its
dropout region. This is the worst-case ground pin current. The ground pin
current will decrease slightly at higher input voltages.
Note 8: Adjust pin bias current flows into the adjust pin.
Note 9: Shutdown pin current at VSHDN = 0V flows out of the shutdown
pin.
Note 10: Quiescent current in shutdown is equal to the total sum of the
shutdown pin current (2
µA) and the ground pin current (4µA).
Note 11: Reverse output current is tested with the input pin grounded and
the output pin forced to the rated output voltage. This current flows into
the output pin and out of the ground pin.


Similar Part No. - LT1521IS8-3

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1521IS8-3 LINEAR_DIMENSIONS-LT1521IS8-3 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521IS8-3.3 LINEAR_DIMENSIONS-LT1521IS8-3.3 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results

Similar Description - LT1521IS8-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-5 LINER-LT1521-5_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529 LINER-LT1529_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529 LINER-LT1529 Datasheet
139Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com