Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1529CT Datasheet(PDF) 8 Page - Linear Technology

Part # LT1529CT
Description  3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1529CT Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1529CT Datasheet HTML 4Page - Linear Technology LT1529CT Datasheet HTML 5Page - Linear Technology LT1529CT Datasheet HTML 6Page - Linear Technology LT1529CT Datasheet HTML 7Page - Linear Technology LT1529CT Datasheet HTML 8Page - Linear Technology LT1529CT Datasheet HTML 9Page - Linear Technology LT1529CT Datasheet HTML 10Page - Linear Technology LT1529CT Datasheet HTML 11Page - Linear Technology LT1529CT Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1529
LT1529-3.3/LT1529-5
PI FU CTIO S
function of voltage appears in the Typical Performance
Characteristics. If the SHDN pin is not used it can be left
open circuit. The device will be active, output on, if the
SHDN pin is not connected.
VIN (Pin 5): Input Pin. Power is supplied to the device
through the VIN pin. The VIN pin should be bypassed to
ground if the device is more than six inches away from the
main input filter capacitor. In general, the output imped-
ance of a battery rises with frequency so it is advisable to
S
APPLICATI
I FOR ATIO
The LT1529 is a 3A low dropout regulator with mi-
cropower quiescent current and shutdown capable of
supplying 3A of output current at a dropout voltage of
0.6V. The device operates with very low quiescent current
(50
µA). In shutdown the quiescent current drops to only
16
µA. In addition to the low quiescent current the LT1529
incorporates several protection features which make it
ideal for use in battery-powered systems. The device is
protected against reverse input voltages. In battery backup
applications where the output can be held up by a backup
battery when the input is pulled to ground, the LT1529 acts
like it has a diode in series with its output and prevents
reverse current flow.
Adjustable Operation
The adjustable version of the LT1529 has an output
voltage range of 3.75V to 14V. The output voltage is set
by the ratio of two external resistors as shown in Figure 2.
The device servos the output voltage to maintain the
voltage at the ADJ pin at 3.75V. The current in R1 is then
equal to 3.75V/R1. The current in R2 is equal to the sum
of the current in R1 and the ADJ pin bias current. The ADJ
pin bias current, 150nA at 25
°C, flows through R2 into the
ADJ pin. The output voltage can be calculated according
to the formula in Figure 2. The value of R1 should be less
than 400k to minimize errors in the output voltage caused
by the ADJ pin bias current. Note that in shutdown the
output is turned off and the divider current will be zero.
Curves of ADJ Pin Voltage vs Temperature and ADJ Pin
include a bypass capacitor in battery-powered circuits. A
bypass capacitor in the range of 1
µF to 10µF is sufficient.
The LT1529 is designed to withstand reverse voltages on
the VIN pin with respect to ground and OUTPUT pin. In the
case of a reversed input, which can happen if a battery is
plugged in backwards, the LT1529 will act as if there is a
diode in series with its input. There will be no reverse
current flow into the LT1529 and no reverse voltage will
appear at the load. The device will protect both itself and
the load.
+
VIN
VOUT = 3.75V
+ (IADJ × R2)
VIN
VOUT
R2
R1
1
2
3
LT1529 • F02
5
4
OUTPUT
SENSE
LT1529
SHDN
GND
()
1 + R2
R1
VADJ = 3.75V
IADJ = 150nA AT 25°C
OUTPUT RANGE = 3.3V TO 14V
Figure 2. Adjustable Operation
Bias Current vs Temperature appear in the Typical Perfor-
mance Characteristics. The reference voltage at the ADJ
pin has a positive temperature coefficient of approxi-
mately 15ppm/
°C.TheADJpinbiascurrenthasanegative
temperature coefficient. These effects will tend to cancel
each other.
The adjustable device is specified with the ADJ pin tied to
the OUTPUT pin. This sets the output voltage to 3.75V.
Specifications for output voltage greater than 3.75V will be
proportional to the ratio of the desired output voltage to
3.75V (VOUT/3.75V). For example: load regulation for an
output current change of 1mA to 3A is – 0.5mV typical at
VOUT = 3.75V. At VOUT = 12V, load regulation would be:
12
375
05
16
V
V
mV
mV
.
–.
– .

 ()
=
()


Similar Part No. - LT1529CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1529 LINER-LT1529 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1529 LINER-LT1529 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529 LINER-LT1529_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results

Similar Description - LT1529CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1529 LINER-LT1529_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-5 LINER-LT1521-5_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com