Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1576-5 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1576-5
Description  1.5A, 200kHz Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1576-5 Datasheet(HTML) 5 Page - Linear Technology

  LT1576-5 Datasheet HTML 1Page - Linear Technology LT1576-5 Datasheet HTML 2Page - Linear Technology LT1576-5 Datasheet HTML 3Page - Linear Technology LT1576-5 Datasheet HTML 4Page - Linear Technology LT1576-5 Datasheet HTML 5Page - Linear Technology LT1576-5 Datasheet HTML 6Page - Linear Technology LT1576-5 Datasheet HTML 7Page - Linear Technology LT1576-5 Datasheet HTML 8Page - Linear Technology LT1576-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LT1576/LT1576-5
TYPICAL PERFORMANCE CHARACTERISTICS
Kool M
µ is a registered trademark of Magnetics, Inc.
JUNCTION TEMPERATURE (
°C)
–50
240
220
200
180
160
100
1576 G13
–25
0
25
50
75
125
Switching Frequency
INPUT VOLTAGE (V)
0
1.50
1.25
1.00
0.75
0.50
0.25
0
510
15
20
1576 G15
25
VOUT = 10V
L = 60
µH
L = 30
µH
L = 15
µH
Maximum Load Current
at VOUT = 10V
LOAD CURRENT (mA)
1
7
6
5
10
VOUT = 5V
100
1000
1576 G14
MINIMUM
STARTING VOLTAGE
MINIMUM
RUNNING VOLTAGE
Minimum Input Voltage
at VOUT = 5V
INPUT VOLTAGE (V)
0
1.50
1.25
1.00
0.75
0.50
0.25
0
510
15
20
1576 G16
25
VOUT = 5V
L = 60
µH
L = 30
µH
L = 15
µH
Maximum Load Current
at VOUT = 5V
INDUCTANCE (
µH)
05
1.0
0.1
0.01
0.001
10
15
20
20
12
8
4
2
1.2
0.8
0.4
0.2
0.12
0.08
0.04
0.02
25
1576 G18
TYPE 52
POWDERED IRON
Kool M
µ®
PERMALLOY
µ = 125
VOUT = 5V, VIN = 10V, IOUT = 1A
CORE LOSS IS
INDEPENDENT OF LOAD
CURRENT UNTIL LOAD CURRENT FALLS
LOW ENOUGH FOR CIRCUIT TO GO INTO
DISCONTINUOUS MODE
Inductor Core Loss
INPUT VOLTAGE (V)
0
1.50
1.25
1.00
0.75
0.50
0.25
0
510
15
20
1576 G17
25
VOUT = 3.3V
L = 30
µH
L = 15
µH
L = 60
µH
Maximum Load Current
at VOUT = 3.3V
FEEDBACK VOLTAGE (V)
0
2.0
1576 G12
0.5
1.0
1.5
250
200
150
100
50
0
FEEDBACK PIN CURRENT
SWITCHING FREQUENCY
Shutdown Supply Current
JUNCTION TEMPERATURE (
°C)
–50
100
1576 G11
050
1600
1400
1200
1000
800
600
400
200
0
–25
25
75
125
Error Amplifier Transconductance
Frequency Foldback
SHUTDOWN VOLTAGE (V)
0
0.4
1576 G10
0.1
0.2
0.3
100
75
50
25
0
VIN = 25V
VIN = 10V


Similar Part No. - LT1576-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
More results

Similar Description - LT1576-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766 LINER-LT1766_1 Datasheet
285Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com