Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1576C Datasheet(PDF) 8 Page - Linear Technology

Part # LT1576C
Description  1.5A, 200kHz Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1576C Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1576C Datasheet HTML 4Page - Linear Technology LT1576C Datasheet HTML 5Page - Linear Technology LT1576C Datasheet HTML 6Page - Linear Technology LT1576C Datasheet HTML 7Page - Linear Technology LT1576C Datasheet HTML 8Page - Linear Technology LT1576C Datasheet HTML 9Page - Linear Technology LT1576C Datasheet HTML 10Page - Linear Technology LT1576C Datasheet HTML 11Page - Linear Technology LT1576C Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LT1576/LT1576-5
APPLICATIONS INFORMATION
+
+
Σ
INPUT
2.9V BIAS
REGULATOR
200kHz
OSCILLATOR
FREQUENCY
SHIFT CIRCUIT
VSW
FB
VC
LOCKOUT
COMPARATOR
GND
1576 BD
SLOPE COMP
0.025
BIAS
INTERNAL
VCC
CURRENT
SENSE
AMPLIFIER
VOLTAGE GAIN = 35
SYNC
SHDN
SHUTDOWN
COMPARATOR
CURRENT
COMPARATOR
ERROR
AMPLIFIER
gm = 1000µMho
FOLDBACK
CURRENT
LIMIT
CLAMP
BOOST
RS
FLIP-FLOP
DRIVER
CIRCUITRY
S
R
0.8V
Q2
Q1
POWER
SWITCH
1.21V
2.44V
+
0.4V
3.5
µA
Figure 1. Block Diagram
BLOCK DIAGRAM
FEEDBACK PIN FUNCTIONS
The feedback (FB) pin on the LT1576 is used to set output
voltage and provide several overload protection features.
The first part of this section deals with selecting resistors
to set output voltage and the remaining part talks about
foldback frequency and current limiting created by the FB
pin. Please read both parts before committing to a final
design. The fixed 5V LT1576-5 has internal divider resis-
tors and the FB pin is renamed SENSE, connected directly
to the output.
The suggested value for the output divider resistor (see
Figure 2) from FB to ground (R2) is 5k or less, and a
formula for R1 is shown below. The output voltage error
caused by ignoring the input bias current on the FB pin is
less than 0.25% with R2 = 5k. A table of standard 1%
values is shown in Table 1 for common output voltages.
Please read the following if divider resistors are increased
above the suggested values.
R
RVOUT
1
21 21
121
=
()
.
.


Similar Part No. - LT1576C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
More results

Similar Description - LT1576C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578 Datasheet
286Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1576-5 LINER-LT1576-5_15 Datasheet
302Kb / 28P
   1.5A, 200kHz Step-Down Switching Regulator
LT1766 LINER-LT1766_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766-5 LINER-LT1766-5_15 Datasheet
290Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
LT1766 LINER-LT1766_1 Datasheet
285Kb / 30P
   5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
   1.5A,40V,200KHz Step-Down Converter
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com