Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75316GF Datasheet(PDF) 3 Page - NEC

Part # UPD75316GF
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75316GF Datasheet(HTML) 3 Page - NEC

  UPD75316GF Datasheet HTML 1Page - NEC UPD75316GF Datasheet HTML 2Page - NEC UPD75316GF Datasheet HTML 3Page - NEC UPD75316GF Datasheet HTML 4Page - NEC UPD75316GF Datasheet HTML 5Page - NEC UPD75316GF Datasheet HTML 6Page - NEC UPD75316GF Datasheet HTML 7Page - NEC UPD75316GF Datasheet HTML 8Page - NEC UPD75316GF Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
µPD75312(A), 75316(A)
3
FUNCTIONAL OUTLINE (1/2)
Item
Function
Number of Basic
41
Instructions
Instruction Cycle
• 0.95
µs, 1.91 µs, 15.3 µs (Main system clock: operating at 4.19 MHz)
• 122
µs (Subsystem clock: operating at 32.768 kHz)
ROM
16256
× 8-bit (
µPD75316(A)), 12160 × 8-bit (µPD75312(A))
RAM
512
× 4 bits
General-Purpose
• 4-bit manipulation: 8 (B, C, D, E, H, L, X, A)
Registers
• 8-bit manipulation: 4
(BC, DE, HL, XA)
Accumulator
• Bit accumulator (CY)
• 4-bit accumulator (A)
• 8-bit accumulator (XA)
Instruction Set
• Abundant bit manipulation instructions
• Efficient 4-bit data manipulation instructions
• 8-bit data transfer instructions
• GETI instruction executing 2-/3-byte instruction with a single byte
I/O Line
40
8
CMOS input pins
Pull-up by software is possible.
: 23
16
CMOS input/output pins
8
CMOS output pins
Also serve as segment pins
8
N-ch open-drain input/output
Withstand voltage: 10 V
Pull-up by mask option is possible.
: 8
LCD Controller/
• Segment number selection: 24/28/32 segments
Driver
(4/8 pins can also be used as bit ports.)
• Display mode selection: Static, 1/2 duty, 1/3 duty (1/2 bias), 1/3 duty (1/3 bias), 1/4 duty
• Dividing resistor for LCD driving can be built-in by mask option.
Supply Voltage
VDD = 2.7 to 6.0 V
Range
Internal
Memory
Timer
3 chs
• 8-bit timer/event counter
• Clock source: 4 steps
• Event count is possible
• 8-bit basic interval timer
• Reference time generation: 1.95 ms, 7.82 ms, 31.3 ms, 250 ms
(operating at 4.19 MHz)
• Can be used as watchdog timer
• Watch timer
• Generates 0.5-second time intervals
• Count clock source: Main system clock or subsystem clock (selectable)
• Watch fast forward mode (generates 3.9-ms time intervals)
• Buzzer output (2 kHz)


Similar Part No. - UPD75316GF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75316GF-XXX-3B9 NEC-UPD75316GF-XXX-3B9 Datasheet
3Mb / 71P
   4-Bit, Single-Chip Microcontrollers With LCD Controller/Driver
logo
Renesas Technology Corp
UPD75316GF-XXX-3B9 RENESAS-UPD75316GF-XXX-3B9 Datasheet
650Kb / 70P
   MOS INTEGRATED CIRCUIT
1989
logo
NEC
UPD75316GFA-XXX-3B9 NEC-UPD75316GFA-XXX-3B9 Datasheet
3Mb / 71P
   4-Bit, Single-Chip Microcontrollers With LCD Controller/Driver
More results

Similar Description - UPD75316GF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com