Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD753304P Datasheet(PDF) 2 Page - NEC

Part # UPD753304P
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753304P Datasheet(HTML) 2 Page - NEC

  UPD753304P Datasheet HTML 1Page - NEC UPD753304P Datasheet HTML 2Page - NEC UPD753304P Datasheet HTML 3Page - NEC UPD753304P Datasheet HTML 4Page - NEC UPD753304P Datasheet HTML 5Page - NEC UPD753304P Datasheet HTML 6Page - NEC UPD753304P Datasheet HTML 7Page - NEC UPD753304P Datasheet HTML 8Page - NEC UPD753304P Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
2
µPD753304
FUNCTIONAL OUTLINE
Parameter
Function
Instruction execution time
• 1.1, 2.2, 4.4, 17.8
µs (@ 3.6 MHz with main system clock)
• 85.1
µs (@ 47 kHz with subsystem clock)
On-chip memory
ROM
4096
× 8 bits
RAM
256
× 4 bits
General-purpose register
• 4-bit operation: 8
× 4 banks
• 8-bit operation: 4
× 4 banks
CMOS
12
On-chip pull-up resistors which can be specified by software: 4
input/output
Also used for segment pins: 4
LCD controller/driver
• Segment selection:
20/24 segments (can be changed to CMOS input/output
port in 4 time-unit; max. 4)
• Display mode selection: Static 1/2 duty (1/2 bias)
1/3 duty (1/2 bias)
1/3 duty (1/3 bias)
1/4 duty (1/3 bias)
• LCD display modes can be selected by mask option
Timer
3 channels
• 8-bit timer counter: 1 channel (with subclock source input function)
• Basic interval timer/watchdog timer: 1 channel
• Watch timer: 1 channel
Clock output (PCL)
Φ, 3.6 MHz, 450 kHz, 225 kHz (@ 3.6 MHz with main system clock)
Buzzer output (BUZ)
• 2.94, 5.88, 47 kHz
(@ 47 kHz with subsystem clock)
• 1.76, 3.52, 28.13 kHz (@ 3.6 MHz with main system clock)
Vectored interrupts
External: 1, Internal: 2
Test input
Internal: 1
System clock oscillation circuit
• Main system clock oscillation RC oscillation circuit (with external resistor and
10 pF (typ.) on-chip capacitor)
• Subsystem clock oscillation RC oscillation circuit (with on-chip resistor and
capacitor)
Standby function
STOP mode/HALT mode
Supply voltage
VDD = 2.5 to 5.5 V
Operating ambient temperature
TA = –10 to +60
°C
Package
• Volume production product: Pellet/wafer
• ES product (for evaluation): 42-pin ceramic shrink DIP (600 mil)
Input/
output port


Similar Part No. - UPD753304P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD753304P-XXX RENESAS-UPD753304P-XXX Datasheet
395Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD753304P

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com