Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1355A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1355A
Description  SAW Filter 576 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1355A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1355A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1355A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1355A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1355A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1355A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1355A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 576 MHz
MODEL NO.: TA1355A
REV. NO.: 1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 5 V
3.Operating Temperature: -30
°C to 60°C
4.Storage Temperature: -40
°C to +85°C
B. CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency, Fc
MHz
-
576
-
Amplitude ripple (564 ~ 588 MHz)
dB
-
1.1
1.7
Insertion loss, IL (564 ~ 588 MHz)
dB
-
2.4
3.0
Group Delay, GD (564 ~ 588 MHz)
ns
-
52
200
Bandwidth @ -3 dB
24
37.9
-
Attenuation (reference from 0dB)
0.3 ~ 501 MHz
dB
35
35
-
501 ~ 540 MHz
dB
10
27
-
609 ~ 666 MHz
dB
10
19
-
666 ~ 876 MHz
dB
38
43
-
876 ~ 1026 MHz
dB
33
38
-
Source impedance, ZS
-
50
-
Load impedance, ZL
-
50
-
Note1. No matching network required for operation at 50Ω
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device (ESD)


Similar Part No. - TA1355A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1355A GOLLEDGE-TA1355A Datasheet
119Kb / 5P
   SAW Filter 576.0MHz
More results

Similar Description - TA1355A

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0576BA03159S SPECTRUM-SF0576BA03159S Datasheet
141Kb / 3P
   576 MHz SAW Filter 26 MHz Bandwidth
logo
API Technologies Corp
SF0576BA03159S APITECH-SF0576BA03159S Datasheet
141Kb / 3P
   576 MHz SAW Filter 26 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com