Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1363A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1363A
Description  SAW Filter 915 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1363A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1363A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1363A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1363A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1363A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1363A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1363A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1363A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 915 MHz
MODEL NO.:TA1363A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 15 dBm
2. DC Voltage : 3V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min
Typical
Max
Center Frequency
Fc MHz
-
915
-
Insertion Loss (902~928 MHz)
IL
dB
-
2.4
3
Amplitude Ripple (902~928 MHz)
dB
-
0.6
1.5
Group Delay Variation (902~928 MHz)
ns
-
15
50
Input/Output Return Loss (902~928 MHz)
dB
8
11
-
Attenuation (Reference level from 0 dB)
10 ~ 857.5 MHz
dB
40
47
857.5 ~ 882.5 MHz
dB
35
43
-
970 ~ 1005 MHz
dB
35
42
-
1005 ~ 1110 MHz
dB
45
56
-
1110 ~ 3000 MHz
dB
25
30
-
C. MEASUREMENT CIRCUIT:
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA1363A

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
TA136 PICO-TA136 Datasheet
6Mb / 28P
   PC oscilloscopes and MSOs
logo
Transko Electronics, In...
TA13602AV TRANSKO-TA13602AV Datasheet
617Kb / 4P
   136.25 MHz IF SAW Filter / 2.05 MHz Bandwidth
Revision 0: 26. Feb. 2008
logo
TAI-SAW TECHNOLOGY CO.,...
TA1360A TAI-SAW-TA1360A Datasheet
439Kb / 6P
   SAW Filter 704 MHz
logo
Golledge Electronics Lt...
TA1360A GOLLEDGE-TA1360A Datasheet
170Kb / 5P
   SAW Filter 704.0MHz
logo
Toshiba Semiconductor
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
More results

Similar Description - TA1363A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1042A TAI-SAW-TA1042A Datasheet
948Kb / 7P
   SAW Filter 915 MHz
TA0281A TAI-SAW-TA0281A Datasheet
980Kb / 6P
   SAW Filter 915 MHz
TA1392A TAI-SAW-TA1392A Datasheet
476Kb / 7P
   SAW Filter 915 MHz
TA1392B TAI-SAW-TA1392B Datasheet
559Kb / 7P
   SAW Filter 915 MHz
logo
TriQuint Semiconductor
856327 TRIQUINT-856327_15 Datasheet
552Kb / 6P
   915 MHz SAW filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1561A TAI-SAW-TA1561A Datasheet
152Kb / 8P
   SAW Filter 915 MHz
logo
TriQuint Semiconductor
856327 TRIQUINT-856327 Datasheet
458Kb / 5P
   915 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2294A TAI-SAW-TA2294A Datasheet
484Kb / 7P
   SAW Filter 915 MHz
TA1719A TAI-SAW-TA1719A Datasheet
272Kb / 7P
   SAW Filter 915 MHz
TA1042B TAI-SAW-TA1042B Datasheet
1Mb / 7P
   SAW Filter 915 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com