Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1580I Datasheet(PDF) 4 Page - Linear Technology

Part # LT1580I
Description  7A, Very Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1580I Datasheet(HTML) 4 Page - Linear Technology

  LT1580I Datasheet HTML 1Page - Linear Technology LT1580I Datasheet HTML 2Page - Linear Technology LT1580I Datasheet HTML 3Page - Linear Technology LT1580I Datasheet HTML 4Page - Linear Technology LT1580I Datasheet HTML 5Page - Linear Technology LT1580I Datasheet HTML 6Page - Linear Technology LT1580I Datasheet HTML 7Page - Linear Technology LT1580I Datasheet HTML 8Page - Linear Technology LT1580I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1580/LT1580-2.5
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum VPOWER: LT1580-2.5
VCONTROL = 5V, ILOAD = 100mA
q
0.10
0.17
V
(VPOWER – VOUT)VCONTROL = 5V, ILOAD = 1A
q
0.15
0.22
V
VCONTROL = 5V, ILOAD = 4A, TJ = 25°C
0.34
0.40
V
VCONTROL = 5V, ILOAD = 4A
q
0.50
V
VCONTROL = 5V, ILOAD = 7A, TJ = 25°C
0.54
0.62
V
VCONTROL = 5V, ILOAD = 7A, 0°C ≤ TJ ≤ 125°C
0.70
0.80
V
VCONTROL = 5V, ILOAD = 6.5A, – 40°C ≤ TJ ≤ 0°C
0.70
0.80
V
Minimum VPOWER: LT1580
VCONTROL = 2.75V, ILOAD = 100mA
q
0.10
0.17
V
(VPOWER – VOUT)VCONTROL = 2.75V, ILOAD = 1A
q
0.15
0.22
V
(VADJ = 0V)
VCONTROL = 2.75V, ILOAD 2.75A
q
0.26
0.38
V
VCONTROL = 2.75V, ILOAD = 4A, TJ = 25°C
0.34
0.40
V
VCONTROL = 2.75V, ILOAD = 4A
q
0.50
V
VCONTROL = 2.75V, ILOAD = 7A, TJ = 25°C
0.54
0.62
V
VCONTROL = 2.75V, ILOAD = 7A, 0°C ≤ TJ ≤ 125°C
0.70
0.80
V
VCONTROL = 2.75V, ILOAD = 6.5A, – 40°C ≤ TJ ≤ 0°C
0.70
0.80
V
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Unless otherwise specified VOUT = VSENSE. For the LT1580
adjustable device VADJ = 0V.
Note 2: For the LT1580, dropout is caused by either minimum control
voltage (VCONTROL) or minimum power voltage (VPOWER). Both parameters
are specified with respect to the output voltage. The specifications represent
the minimum input/output voltage required to maintain 1% regulation.
Note 3: For the LT1580 adjustable device the minimum load current is the
minimum current required to maintain regulation. Normally the current in
the resistor divider used to set the output voltage is selected to meet the
minimum load current requirement.
Note 4: The control pin current is the drive current required for the output
transistor. This current will track output current with roughly a 1:100 ratio.
The minimum value is equal to the quiescent current of the device.
OUTPUT CURRENT (A)
0
1.0
0
1
5
7
1580 G03
4
2
3
6
0.5
DATA SHEET LIMIT
TJ = 25°C
TJ = 125°C
INDICATES GUARANTEED TEST POINTS
0
°C ≤ TJ ≤ 125°C
OUTPUT CURRENT (A)
0
2
0
1
5
7
1580 G02
4
2
3
6
1
DATA SHEET LIMIT
TJ = 25°C
TJ = 125°C
INDICATES GUARANTEED TEST POINTS
0
°C ≤ TJ ≤ 125°C
Dropout Voltage —
Minimum Power Voltage
Control Pin Current
vs Output Current
OUTPUT CURRENT (A)
0
140
120
100
80
60
40
20
0
35
1580 G01
12
46
7
DATA SHEET LIMIT
TYPICAL
DEVICE
INDICATES GUARANTEED TEST POINTS
0
°C ≤ TJ ≤ 125°C
Minimum Control Voltage
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LT1580I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1580 LINER-LT1580 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1580 LINER-LT1580 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1580-2.5 LINER-LT1580-2.5 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
More results

Similar Description - LT1580I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
logo
Microsemi Corporation
LX8580 MICROSEMI-LX8580 Datasheet
124Kb / 4P
   7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7584 ETC1-AMC7584 Datasheet
344Kb / 7P
   7A LOW DROPOUT REGULATOR
logo
Global Mixed-mode Techn...
G977 GMT-G977 Datasheet
62Kb / 1P
   7A Low Dropout Regulator with Enable
logo
Advanced Power Electron...
APE8957 A-POWER-APE8957 Datasheet
326Kb / 6P
   7A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
   7A Adjustable/Fixed Low Dropout Linear Regulator
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
New Japan Radio
NJM2842 NJRC-NJM2842 Datasheet
219Kb / 11P
   Very Low Output Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com