Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1580CQ Datasheet(PDF) 5 Page - Linear Technology

Part # LT1580CQ
Description  7A, Very Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1580CQ Datasheet(HTML) 5 Page - Linear Technology

  LT1580CQ Datasheet HTML 1Page - Linear Technology LT1580CQ Datasheet HTML 2Page - Linear Technology LT1580CQ Datasheet HTML 3Page - Linear Technology LT1580CQ Datasheet HTML 4Page - Linear Technology LT1580CQ Datasheet HTML 5Page - Linear Technology LT1580CQ Datasheet HTML 6Page - Linear Technology LT1580CQ Datasheet HTML 7Page - Linear Technology LT1580CQ Datasheet HTML 8Page - Linear Technology LT1580CQ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1580/LT1580-2.5
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50 –25
150
1580 G05
0
25
75
125
50
100
2.508
2.506
2.504
2.502
2.500
2.498
2.496
2.494
2.492
TEMPERATURE (
°C)
–50 –25
150
1580 G04
0
25
75
125
50
100
1.258
1.256
1.254
1.252
1.250
1.248
1.246
1.244
1.242
LT1580 Reference Voltage
vs Temperature
400mA
LT1580-2.5 Output Voltage
vs Temperature
7A
VOUT
50mV/DIV
LOAD
50
µs/DIV
1580 TA02
Load Current Step Response
PIN FUNCTIONS (5-Lead/7-Lead)
SENSE (Pin 1): This pin is the positive side of the reference
voltage for the device. With this pin it is possible to Kelvin
sense the output voltage at the load.
ADJ (Pin 2/5): This pin is the negative side of the
reference voltage for the device. Transient response can
be improved by adding a small bypass capacitor from the
ADJ pin to ground. For fixed voltage devices the ADJ pin
is also brought out to allow the user to add a bypass
capacitor.
GND (Pin 2, 7-Lead Only): For fixed voltage devices this
is the bottom of the resistor divider that sets the output
voltage.
VPOWER (Pin 5/6): This is the collector to the power device
of the LT1580. The output load current is supplied through
this pin. For the device to regulate, the voltage at this pin
must be between 0.1V and 0.8V greater than the output
voltage (see Dropout specifications).
VCONTROL (Pin 4/3): This pin is the supply pin for the
control circuitry of the device. The current flow into this
pin will be about 1% of the output current. For the device
to regulate, the voltage at this pin must be between 1.0V
and 1.3V greater than the output voltage (see Dropout
specifications).
VOUT (Pin 3/4): This is the power output of the device.


Similar Part No. - LT1580CQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1580 LINER-LT1580 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1580 LINER-LT1580 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1580-2.5 LINER-LT1580-2.5 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
More results

Similar Description - LT1580CQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
logo
Microsemi Corporation
LX8580 MICROSEMI-LX8580 Datasheet
124Kb / 4P
   7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7584 ETC1-AMC7584 Datasheet
344Kb / 7P
   7A LOW DROPOUT REGULATOR
logo
Global Mixed-mode Techn...
G977 GMT-G977 Datasheet
62Kb / 1P
   7A Low Dropout Regulator with Enable
logo
Advanced Power Electron...
APE8957 A-POWER-APE8957 Datasheet
326Kb / 6P
   7A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
   7A Adjustable/Fixed Low Dropout Linear Regulator
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
New Japan Radio
NJM2842 NJRC-NJM2842 Datasheet
219Kb / 11P
   Very Low Output Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com