Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1580IQ Datasheet(PDF) 6 Page - Linear Technology

Part # LT1580IQ
Description  7A, Very Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1580IQ Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1580IQ Datasheet HTML 2Page - Linear Technology LT1580IQ Datasheet HTML 3Page - Linear Technology LT1580IQ Datasheet HTML 4Page - Linear Technology LT1580IQ Datasheet HTML 5Page - Linear Technology LT1580IQ Datasheet HTML 6Page - Linear Technology LT1580IQ Datasheet HTML 7Page - Linear Technology LT1580IQ Datasheet HTML 8Page - Linear Technology LT1580IQ Datasheet HTML 9Page - Linear Technology LT1580IQ Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1580/LT1580-2.5
BLOCK DIAGRA
+
VCONTROL
VPOWER
SENSE
VOUT
1580 BD
FOR FIXED
VOLTAGE
DEVICE
GND
ADJ
APPLICATIONS INFORMATION
The LT1580 is a low dropout regulator designed to power
the new generation of microprocessors. Low dropout
regulators have become more common in desktop com-
puter systems as microprocessor manufacturers have
moved away from 5V only CPUs. A wide range of supply
requirements exists today with new voltages just over the
horizon. In many cases the input-output differential is very
small, effectively disqualifying many of the low dropout
regulators on the market today. The LT1580 is designed to
make use of multiple power supplies, present in most
systems, to reduce the dropout voltage. This two supply
approach maximizes efficiency.
The second supply, at least 1V greater than the output
voltage, is used to provide power for the control circuitry
and supply the drive current to the NPN output transistor.
This allows the NPN to be driven into saturation, thereby
reducing the dropout voltage by a VBE compared to
conventional designs. The current requirement for the
control voltage is relatively small, equal to approximately
1% of the output current or about 70mA for a 7A load. The
bulk of this current is drive current for the NPN output
transistor. This drive current becomes part of the output
current.
The control voltage must be at least 1V greater than the
output voltage to obtain optimum performance. The maxi-
mum voltage on the VCONTROL pin is 13V. The maximum
voltage at the VPOWER pin is limited to 7V. GDN pin current
for fixed voltage devices is 6mA (typ) and is constant as a
function of load. ADJ pin current for adjustable devices is
60
µA at 25°C and varies proportional to absolute tempera-
ture.


Similar Part No. - LT1580IQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1580 LINER-LT1580 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1580 LINER-LT1580 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1580-2.5 LINER-LT1580-2.5 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
More results

Similar Description - LT1580IQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
logo
Microsemi Corporation
LX8580 MICROSEMI-LX8580 Datasheet
124Kb / 4P
   7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7584 ETC1-AMC7584 Datasheet
344Kb / 7P
   7A LOW DROPOUT REGULATOR
logo
Global Mixed-mode Techn...
G977 GMT-G977 Datasheet
62Kb / 1P
   7A Low Dropout Regulator with Enable
logo
Advanced Power Electron...
APE8957 A-POWER-APE8957 Datasheet
326Kb / 6P
   7A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
   7A Adjustable/Fixed Low Dropout Linear Regulator
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
New Japan Radio
NJM2842 NJRC-NJM2842 Datasheet
219Kb / 11P
   Very Low Output Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com