Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3548 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3548
Description  Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3548_15 Datasheet HTML 4Page - Linear Technology LTC3548_15 Datasheet HTML 5Page - Linear Technology LTC3548_15 Datasheet HTML 6Page - Linear Technology LTC3548_15 Datasheet HTML 7Page - Linear Technology LTC3548_15 Datasheet HTML 8Page - Linear Technology LTC3548_15 Datasheet HTML 9Page - Linear Technology LTC3548_15 Datasheet HTML 10Page - Linear Technology LTC3548_15 Datasheet HTML 11Page - Linear Technology LTC3548_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3548
8
3548fc
required. Several capacitors may also be paralleled to meet
the size or height requirements of the design. An additional
0.1μF to 1μF ceramic capacitor is also recommended on
VIN for high frequency decoupling, when not using an all
ceramic capacitor solution.
Table 1. Representation Surface Mount Inductors
PART
NUMBER
VALUE
(μH)
DCR
(Ω MAX)
MAX DC
CURRENT (A)
SIZE
W × L × H (mm3)
Sumida
CDRH3D16
2.2
3.3
4.7
0.075
0.110
0.162
1.20
1.10
0.90
3.8 × 3.8 × 1.8
Sumida
CDRH2D11
1.5
2.2
0.068
0.170
0.900
0.780
3.2 × 3.2 × 1.2
Sumida
CMD4D11
2.2
3.3
0.116
0.174
0.950
0.770
4.4 × 5.8 × 1.2
Murata
LQH32CN
1.0
2.2
0.060
0.097
1.00
0.079
2.5 × 3.2 × 2.0
Toko
D312F
2.2
3.3
0.060
0.260
1.08
0.92
2.5 × 3.2 × 2.0
Panasonic
ELT5KT
3.3
4.7
0.17
0.20
1.00
0.95
4.5 × 5.4 × 1.2
Output Capacitor (COUT) Selection
The selection of COUT is driven by the required ESR to
minimize voltage ripple and load step transients. Typically,
once the ESR requirement is satisfied, the capacitance
is adequate for filtering. The output ripple (ΔVOUT) is
determined by:
ΔV
OUT ≈ ΔIL
ESR
+
1
8f
O COUT
⎝⎜
⎠⎟
where f = operating frequency, COUT = output capacitance
and ΔIL = ripple current in the inductor. The output ripple
is highest at maximum input voltage since ΔIL increases
with input voltage. With ΔIL = 0.3 • IOUT(MAX) the output
ripple will be less than 100mV at maximum VIN and
fO = 2.25MHz with:
ESRCOUT < 150mΩ
Once the ESR requirements for COUT have been met, the
RMS current rating generally far exceeds the IRIPPLE(P-P)
requirement, except for an all ceramic solution.
In surface mount applications, multiple capacitors may
have to be paralleled to meet the capacitance, ESR or
RMS current handling requirement of the application.
Aluminum electrolytic, special polymer, ceramic and dry
The inductor value will also have an effect on Burst Mode
operation. The transition from low current operation
begins when the peak inductor current falls below a level
set by the burst clamp. Lower inductor values result in
higher ripple current which causes this to occur at lower
load currents. This causes a dip in efficiency in the upper
range of low current operation. In Burst Mode operation,
lower inductance values will cause the burst frequency
to increase.
Inductor Core Selection
Different core materials and shapes will change the size/
current and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials are
small and do not radiate much energy, but generally cost
more than powdered iron core inductors with similar elec-
trical characteristics. The choice of which style inductor to
use often depends more on the price vs size requirements
and any radiated field/EMI requirements than on what the
LTC3548 requires to operate. Table 1 shows some typi-
cal surface mount inductors that work well in LTC3548
applications.
Input Capacitor (CIN) Selection
In continuous mode, the input current of the converter is a
square wave with a duty cycle of approximately VOUT/VIN.
To prevent large voltage transients, a low equivalent series
resistance (ESR) input capacitor sized for the maximum
RMS current must be used. The maximum RMS capacitor
current is given by:
I
RMS ≈ IMAX
V
OUT (VIN –VOUT )
V
IN
where the maximum average output current IMAX equals
the peak current minus half the peak-to-peak ripple cur-
rent, IMAX = ILIM – ΔIL/2.
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case is commonly used to
design because even significant deviations do not offer
much relief. Note that capacitor manufacturer’s ripple cur-
rent ratings are often based on only 2000 hours lifetime.
This makes it advisable to further derate the capacitor,
or choose a capacitor rated at a higher temperature than
APPLICATIONS INFORMATION


Similar Part No. - LTC3548_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1 Datasheet
329Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1_15 Datasheet
329Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3548_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com