Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3565 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3565
Description  1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3565 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3565_15 Datasheet HTML 7Page - Linear Technology LTC3565_15 Datasheet HTML 8Page - Linear Technology LTC3565_15 Datasheet HTML 9Page - Linear Technology LTC3565_15 Datasheet HTML 10Page - Linear Technology LTC3565_15 Datasheet HTML 11Page - Linear Technology LTC3565_15 Datasheet HTML 12Page - Linear Technology LTC3565_15 Datasheet HTML 13Page - Linear Technology LTC3565_15 Datasheet HTML 14Page - Linear Technology LTC3565_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTC3565
11
3565fc
For more information www.linear.com/LTC3565
APPLICATIONS INFORMATION
shows some typical surface mount inductors that work
well in LTC3565 applications.
Table 1. Representative Surface Mount Inductors
MANU-
FACTURER PARTNUMBER
VALUE
MAXDC
CURRENT DCR HEIGHT
Toko
A914BYW-1R2M=P3:
D52LC
1.2µH
2.15A
44mΩ 2mm
A960AW-1R2M=P3:
D518LC
1.2µH
1.8A
46mΩ 1.8mm
DB3015C-1068AS-1R0N 1.0µH
2.1A
43mΩ 1.5mm
DB3018C-1069AS-1R0N 1.0µH
2.1A
45mΩ 1.8mm
DB3020C-1070AS-1R0N 1.0µH
2.1A
47mΩ 2mm
A914BYW-2R2M-D52LC 2.2µH
2.05A
49mΩ 2mm
A915AY-2ROM-D53LC
2.0µH
3.3A
22mΩ 3mm
Coilcraft
LPO1704-122ML
1.2µH
2.1A
80mΩ 1mm
D01608C-222
2.2µH
2.3A
70mΩ 3mm
LP01704-222M
2.2µH
2.4A
120mΩ 1mm
Sumida
CR32-1R0
1.0µH
2.1A
72mΩ 3mm
CR5D11-1R0
1.0µH
2.2A
40mΩ 1.2mm
CDRH3D14-1R2
1.2µH
2.2A
36mΩ 1.5mm
CDRH4D18C/LD-1R1
1.1µH
2.1A
24mΩ 2mm
CDRH4D28C/LD-1R0
1.0µH
3.0A
17.5mΩ 3mm
CDRH4D28C-1R1
1.1µH
3.8A
22mΩ 3mm
CDRH4D28-1R2
1.2µH
2.56A 23.6mΩ 3mm
CDRH6D12-1R0
1.0µH
2.80A 37.5mΩ 1.5mm
CDRH4D282R2
2.2µH
2.04A
23mΩ 3mm
CDC5D232R2
2.2µH
2.16A
30mΩ 2.5mm
Taiyo
Yuden
NPO3SB1ROM
1.0µH
2.6A
27mΩ 1.8mm
N06DB2R2M
2.2µH
3.2A
29mΩ 3.2mm
N05DB2R2M
2.2µH
2.9A
32mΩ 2.8mm
Murata
LQN6C2R2M04
2.2µH
3.2A
24mΩ 5mm
FDK
MIPW3226DORGM
0.9µH
1.4A
80mΩ 1mm
Catch Diode Selection
Although unnecessary in most applications, a small
improvement in efficiency can be obtained in a few ap-
plications by including the optional diode D1 shown in
Figure 2, which conducts when the synchronous switch
is off. When using Burst Mode operation or pulse skip
mode, the synchronous switch is turned off at a low
current and the remaining current will be carried by the
optional diode. It is important to adequately specify the
diode peak current and average power dissipation so as
not to exceed the diode ratings. The main problem with
Schottkydiodesisthattheirparasiticcapacitancereduces
the efficiency, usually negating the possible benefits for
LTC3565 circuits. Another problem that a Schottky diode
can introduce is higher leakage current at high tempera-
tures, which could reduce the low current efficiency.
Remember to keep lead lengths short and observe proper
grounding(seeBoardLayoutConsiderations)toavoidring-
ing and increased dissipation when using a catch diode.
Input Capacitor (CIN) Selection
In continuous mode, the input current of the converter is a
square wave with a duty cycle of approximately VOUT/VIN.
To prevent large voltage transients, a low equivalent series
resistance (ESR) input capacitor sized for the maximum
RMS current must be used. The maximum RMS capacitor
current is given by:
IRMS ≈ IMAX
VOUT(VIN − VOUT)
VIN
where the maximum average output current IMAX equals
the peak current minus half the peak-to-peak ripple cur-
rent, IMAX ≅ ILIM – ΔIL/2.
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst case is commonly used
to design because even significant deviations do not offer
much relief. Note that capacitor manufacturer’s ripple cur-
rent ratings are often based on only 2000 hours lifetime.
This makes it advisable to further derate the capacitor,
or choose a capacitor rated at a higher temperature than
required.Severalcapacitorsmayalsobeparalleledtomeet
thesizeorheightrequirementsofthedesign.Anadditional
0.1µF to 1µF ceramic capacitor is also recommended on
VIN for high frequency decoupling, when not using an all
ceramic capacitor solution.
Output Capacitor (COUT) Selection
The selection of COUT is driven by the required ESR to
minimize voltage ripple and load step transients. Typically,
once the ESR requirement is satisfied, the capacitance


Similar Part No. - LTC3565_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3565_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411 Datasheet
288Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565 Datasheet
599Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A_15 Datasheet
1Mb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com