Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR07U20LPS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBR07U20LPS
Description  0.7A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR07U20LPS Datasheet(HTML) 4 Page - Diodes Incorporated

  SBR07U20LPS_15 Datasheet HTML 1Page - Diodes Incorporated SBR07U20LPS_15 Datasheet HTML 2Page - Diodes Incorporated SBR07U20LPS_15 Datasheet HTML 3Page - Diodes Incorporated SBR07U20LPS_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR07U20LPS
Document number: DS31358 Rev. 4 - 2
4 of 4
www.diodes.com
June 2015
© Diodes Incorporated
SBR07U20LPS
IMPORTANT NOTICE
DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT,
INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE
(AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the
application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or
trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume
all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated
website, harmless against all damages.
Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel.
Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and
hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or
indirectly, any claim of personal injury or death associated with such unintended or unauthorized application.
Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings
noted herein may also be covered by one or more United States, international or foreign trademarks.
This document is written in English but may be translated into multiple languages for reference. Only the English version of this document is the
final and determinative format released by Diodes Incorporated.
LIFE SUPPORT
Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express
written approval of the Chief Executive Officer of Diodes Incorporated. As used herein:
A. Life support devices or systems are devices or systems which:
1. are intended to implant into the body, or
2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the
labeling can be reasonably expected to result in significant injury to the user.
B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and
acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any
use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related
information or support that may be provided by Diodes Incorporated.
Further, Customers must fully indemnify Diodes Incorporated and its
representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems.
Copyright © 2015, Diodes Incorporated
www.diodes.com


Similar Part No. - SBR07U20LPS_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR07U20LPS DIODES-SBR07U20LPS_16 Datasheet
297Kb / 4P
   0.7A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
More results

Similar Description - SBR07U20LPS_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR07U20LPS DIODES-SBR07U20LPS Datasheet
96Kb / 3P
   0.7A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
DS31358 Rev. 2 - 2
SBR07U20LPS DIODES-SBR07U20LPS_16 Datasheet
297Kb / 4P
   0.7A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR2U30SA DIODES-SBR2U30SA_15 Datasheet
102Kb / 5P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR02U100LP DIODES-SBR02U100LP Datasheet
208Kb / 4P
   0.2A SBR짰 Surface Mount Super Barrier Rectifier
SBR02U100LP Rev. 4 ??2
SBR2U150SA DIODES-SBR2U150SA_15 Datasheet
222Kb / 5P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR0240LP DIODES-SBR0240LP_15 Datasheet
101Kb / 4P
   SURFACE MOUNT SUPER BARRIER RECTIFIER 0.2A SBR짰
SBR2U10LP DIODES-SBR2U10LP_15 Datasheet
223Kb / 4P
   2A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR1U150SA DIODES-SBR1U150SA_15 Datasheet
107Kb / 5P
   1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR2A40P1 DIODES-SBR2A40P1_15 Datasheet
549Kb / 6P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR05U20LPS DIODES-SBR05U20LPS_15 Datasheet
321Kb / 5P
   0.5A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com