Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1579CS Datasheet(PDF) 5 Page - Linear Technology

Part # LT1579CS
Description  300mA Dual Input Smart Battery Backup Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579CS Datasheet(HTML) 5 Page - Linear Technology

  LT1579CS Datasheet HTML 1Page - Linear Technology LT1579CS Datasheet HTML 2Page - Linear Technology LT1579CS Datasheet HTML 3Page - Linear Technology LT1579CS Datasheet HTML 4Page - Linear Technology LT1579CS Datasheet HTML 5Page - Linear Technology LT1579CS Datasheet HTML 6Page - Linear Technology LT1579CS Datasheet HTML 7Page - Linear Technology LT1579CS Datasheet HTML 8Page - Linear Technology LT1579CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1579
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
3.06
25
1579 G03
3.00
2.96
–25
0
50
2.94
2.92
3.08
3.04
3.02
2.98
75
100
125
ILOAD = 1mA
Guaranteed Dropout Voltage
OUTPUT CURRENT (mA)
0
0
0.1
0.2
0.3
0.4
0.6
0.7
0.8
50
100
150
200
1579 G35
250
300
0.5
= TEST POINTS
TJ ≤ 125°C
TJ = 25°C
TEMPERATURE (
°C)
–50
4
5
7
25
75
1579 G36
3
2
–25
0
50
100
125
1
0
6
VIN1 = 20V
VIN2 = 6V
VSHDN = 0V
IVIN1
IVIN2
Quiescent Current in Shutdown
Input Current
VIN1 – VOUT (V)
0
20
40
60
10
30
50
0
0.2
0.4
0.6
1579 G07
0.8
–0.1
–0.2
0.1
0.3
0.5
0.7
IIN2
IIN1
VOUT = 5V
VIN2 = 6V
ILOAD = 0
TEMPERATURE (
°C)
–50
1.53
25
1579 G05
1.50
1.48
–25
0
50
1.47
1.46
1.54
1.52
1.51
1.49
75
100
125
ILOAD = 1mA
Adjust Pin Voltage
LT1579-5 Output Voltage
TEMPERATURE (
°C)
–50
5.09
25
1579 G05
5.00
4.94
–25
0
50
4.91
4.88
5.12
5.06
5.03
4.97
75
100
125
ILOAD = 1mA
LT1579-3 Output Voltage
LT1579-3.3 Output Voltage
TEMPERATURE (
°C)
–50
3.36
25
1579 G04
3.30
2.26
–25
0
50
2.24
2.22
3.38
3.34
3.32
2.28
75
100
125
ILOAD = 1mA
Quiescent Current
TEMPERATURE (
°C)
–50
0
10
30
40
50
100
0
50
75
1579 G02
20
80
90
60
70
–25
25
100
125
VIN = 6V
RL =
(FIXED)
RL = 500k (ADJUSTABLE)
OPERATING
QUIESCENT
CURRENT
STANDBY
QUIESCENT
CURRENT
TEMPERATURE (
°C)
–50
0.4
0.5
0.7
25
75
1579 G01
0.3
0.2
–25
0
50
100
125
0.1
0
0.6
A: ILOAD = 300mA
B: ILOAD = 150mA
C: ILOAD = 100mA
D: ILOAD = 50mA
E: ILOAD = 10mA
F: ILOAD = 1mA
A
B
C
D
E
F
Dropout Voltage


Similar Part No. - LT1579CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1579 LINER-LT1579_15 Datasheet
304Kb / 20P
   300mA Dual Input Smart Battery Backup Regulator
More results

Similar Description - LT1579CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1579 LINER-LT1579_15 Datasheet
304Kb / 20P
   300mA Dual Input Smart Battery Backup Regulator
logo
Nisshinbo Micro Devices...
R1511X NISSHINBO-R1511X Datasheet
1Mb / 26P
   300mA 36V Input Regulator
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
   Backup Battery Charger
logo
Pentair plc. All rights...
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Pentair plc. All rights...
MBSP-2 PENTAIR-MBSP-2 Datasheet
5Mb / 40P
   Battery Backup System
MBSP-2C PENTAIR-MBSP-2C Datasheet
4Mb / 42P
   Battery Backup System
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
logo
Rohm
BD4201FV ROHM-BD4201FV Datasheet
86Kb / 9P
   Battery Backup IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com