Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1585CM Datasheet(PDF) 10 Page - Linear Technology

Part # LT1585CM
Description  7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1585CM Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1585CM Datasheet HTML 4Page - Linear Technology LT1585CM Datasheet HTML 5Page - Linear Technology LT1585CM Datasheet HTML 6Page - Linear Technology LT1585CM Datasheet HTML 7Page - Linear Technology LT1585CM Datasheet HTML 8Page - Linear Technology LT1585CM Datasheet HTML 9Page - Linear Technology LT1585CM Datasheet HTML 10Page - Linear Technology LT1585CM Datasheet HTML 11Page - Linear Technology LT1585CM Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1584/LT1585/LT1587
APPLICATIONS INFORMATION
load current of 10mA. The current out of the adjust pin adds
to the current from R1 and is typically 55
µA. Its output
voltage contribution is small and only needs consideration
when very precise output voltage setting is required.
LT1584
ADJ
VIN
VOUT
IN
R1
VREF
R2
VOUT = VREF (1 + R2/R1) + IADJ (R2)
OUT
IADJ
55
µA
LT1585 • F03
C1
10
µF
+
C2
22
µF
+
Figure 3. Basic Adjustable Regulator
Load Regulation
It is not possible to provide true remote load sensing
because the LT1584/LT1585/LT1587 are three-terminal
devices. Load regulation is limited by the resistance of the
wire connecting the regulators to the load. Load regulation
per the data sheet specification is measured at the bottom
of the package.
For fixed voltage devices, negative side sensing is a true
Kelvin connection with the ground pin of the device re-
turned to the negative side of the load. This is illustrated in
Figure 4.
LT1584-3.3
RP
PARASITIC
LINE RESISTANCE
GND
VIN
RL
IN
OUT
LT1585 • F04
Figure 4. Connection for Best Load Regulation
For adjustable voltage devices, negative side sensing is a
true Kelvin connection with the bottom of the output divider
returned to the negative side of the load. The best load
regulation is obtained when the top of resistor divider R1
connects directly to the regulator output and not to the
load. Figure 5 illustrates this point. If R1 connects to the
load, the effective resistance between the regulator and the
load is:
RP × (1 + R2/R1), RP = Parasitic Line Resistance
The connection shown in Figure 5 does not multiply RP by
the divider ratio. As an example, RP is about four milliohms
per foot with 16-gauge wire. This translates to 4mV per foot
at 1A load current. At higher load currents, this drop
represents a significant percentage of the overall regula-
tion. It is important to keep the positive lead between the
regulator and the load as short as possible and to use large
wire or PC board traces.
Figure 5. Connection for Best Load Regulation
LT1584
OUT
IN
VIN
ADJ
RP
PARASITIC
LINE RESISTANCE
R1*
*CONNECT R1 TO CASE
CONNECT R2 TO LOAD
LT1584 • F05
RL
R2*
Thermal Considerations
The LT1584/LT1585/LT1587 family protects the device
under overload conditions with internal power and thermal
limiting circuitry. However, for normal continuous load
conditions, do not exceed maximum junction temperature
ratings. It is important to consider all sources of thermal
resistance from junction-to-ambient. These sources in-
clude the junction-to-case resistance, the case-to-heat
sink interface resistance, and the heat sink resistance.
Thermal resistance specifications have been developed to
more accurately reflect device temperature and ensure safe
operating temperatures. The electrical characteristics sec-
tion provides a separate thermal resistance and maximum
junction temperature for both the control circuitry and the
power transistor. Older regulators, with a single junction-
to-case thermal resistance specification, use an average of
the two values provided here and allow excessive junction
temperatures under certain conditions of ambient tem-
perature and heat sink resistance. Calculate the maximum
junction temperature for both sections to ensure that both
thermal limits are met.
Junction-to-case thermal resistance is specified from the
IC junction to the bottom of the case directly below the die.


Similar Part No. - LT1585CM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1585CM LINER-LT1585CM Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585CM-1.5 LINER-LT1585CM-1.5 Datasheet
148Kb / 8P
   Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators
LT1585CM-3.3 LINER-LT1585CM-3.3 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585CM-3.38 LINER-LT1585CM-3.38 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585CM-3.38 LINER-LT1585CM-3.38 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
More results

Similar Description - LT1585CM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1584 LINER-LT1584_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
T1587 LINER-T1587_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
Anpec Electronics Corop...
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com