Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1617 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1617
Description  Micropower Inverting DC/DC Converters in SOT-23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1617 Datasheet(HTML) 8 Page - Linear Technology

  LT1617 Datasheet HTML 1Page - Linear Technology LT1617 Datasheet HTML 2Page - Linear Technology LT1617 Datasheet HTML 3Page - Linear Technology LT1617 Datasheet HTML 4Page - Linear Technology LT1617 Datasheet HTML 5Page - Linear Technology LT1617 Datasheet HTML 6Page - Linear Technology LT1617 Datasheet HTML 7Page - Linear Technology LT1617 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1617/LT1617-1
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 1999
16171f LT/TP 0200 4K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1307
Single-Cell Micropower 600kHz PWM DC/DC Converter
3.3V at 75mA from One Cell, MSOP Package
LT1316
Burst Mode
TM Operation DC/DC with Programmable Current Limit
1.5V Minimum, Precise Control of Peak Current Limit
LT1317
2-Cell Micropower DC/DC with Low-Battery Detector
3.3V at 200mA from Two Cells, 600kHz Fixed Frequency
LT1610
Single-Cell Micropower DC/DC Converter
3V at 30mA fro 1V, 1.7MHz Fixed Frequency
LT1611
1.4MHz Inverting Switching Regulator in 5-Lead SOT-23
– 5V at 150mA from 5V Input, Tiny SOT-23 Package
LT1613
1.4MHz Switching Regulator in 5-Lead SOT-23
5V at 200mA from 3.3V Input, Tiny SOT-23 Package
LT1615
Micropower DC/DC Converter in 5-Lead SOT-23
20V at 12mA from 2.5V Input, Tiny SOT-23 Package
Burst Mode is a trademark of Linear Technology Corporation
PACKAGE DESCRIPTIO
Dimensions in millimeters (inches) unless otherwise noted.
S5 Package
5-Lead Plastic SOT-23
(LTC DWG # 05-08-1633)
0.95
(0.037)
REF
1.50 – 1.75
(0.059 – 0.069)
0.10 – 0.60
(0.004 – 0.024)
REF
0.35 – 0.50
(0.014 – 0.020)
FIVE PLACES (NOTE 2)
S5 SOT-23 0797
2.80 – 3.00
(0.110 – 0.118)
(NOTE 3)
1.90
(0.074)
REF
0.90 – 1.45
(0.035 – 0.057)
0.90 – 1.30
(0.035 – 0.051)
0.00 – 0.15
(0.00 – 0.006)
0.09 – 0.20
(0.004 – 0.008)
(NOTE 2)
2.60 – 3.00
(0.102 – 0.118)
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DIMENSIONS ARE INCLUSIVE OF PLATING
3. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
4. MOLD FLASH SHALL NOT EXCEED 0.254mm
5. PACKAGE EIAJ REFERENCE IS SC-74A (EIAJ)
TYPICAL APPLICATIO S
±20V Dual Output Converter with Load Disconnect
VIN
SW
NFB
LT1617
VIN
1.5V TO 5V
L1
10
µH
D1
D4
SHDN
24.9k
267k
C2
1
µF
–20V
4mA
20V
4mA
1617/-1 TA04
GND
C3
1
µF
C1
4.7
µF
C1: TAIYO YUDEN LMK316BJ475
(408) 573-4150
C2, C3, C4: TAIYO YUDEN TMK316BJ105 (408) 573-4150
C5: TAIYO YUDEN LMK212BJ105
(408) 573-4150
L1: MURATA LQH3C100K24
(814) 237-1431
D1, D2, D3, D4: MOTOROLA MBR0530
(800) 441-2447
43
2
1
5
100pF
C5
1
µF
C4
1
µF
D3
D2


Similar Part No. - LT1617

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1617 LINER-LT1617 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617-1 LINER-LT1617-1 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617-1 LINER-LT1617-1_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617 LINER-LT1617_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
More results

Similar Description - LT1617

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1617 LINER-LT1617_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617-1 LINER-LT1617-1_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
logo
Analog Intergrations Co...
AIC1653 AIC-AIC1653 Datasheet
220Kb / 11P
   Micropower Inverting DC/DC Converter in SOT-23-5
logo
Global Mixed-mode Techn...
G5122 GMT-G5122 Datasheet
182Kb / 6P
   Micro-power Inverting DC/DC Converters in SOT-23-5
logo
Linear Technology
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LTC1701 LINER-LTC1701_1 Datasheet
183Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701 LINER-LTC1701_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LT1615 LINER-LT1615 Datasheet
104Kb / 8P
   Micropower Step-Up DC/DC Convertersin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com