Electronic Components Datasheet Search |
|
SBR12A45SD1-T Datasheet(PDF) 2 Page - Diodes Incorporated |
|
SBR12A45SD1-T Datasheet(HTML) 2 Page - Diodes Incorporated |
2 / 4 page SBR12A45SD1 Document number: DS31452 Rev. 6 - 2 2 of 4 www.diodes.com July 2012 © Diodes Incorporated SBR is a registered trademark of Diodes Incorporated. SBR12A45SD1 Maximum Ratings (@T A = +25°C, unless otherwise specified.) Single phase, half wave, 60Hz, resistive or inductive load. For capacitance load, derate current by 20%. Characteristic Symbol Value Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VRM 45 V RMS Reverse Voltage VR(RMS) 32 V Average Rectified Output Current IO 12 A Non-Repetitive Avalanche Energy (TJ = +25°C , IAS = 20A , L = 8.5mH) EAS 20 mJ Non-Repetitive Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load IFSM 200 A Peak Repetitive Reverse Surge Current (2µS – 1KHz) IRRM 2 A Thermal Characteristics Characteristic Symbol Value Unit Typical Thermal Resistance Thermal Resistance Junction to Ambient (Note 6) Thermal Resistance Junction to Lead (Note 6) TL = +135°C RθJA RθJL 31 7.2 °C/W Operating Temperature Range VR ≤ 80% VRRM TJ -65 to +150 °C VR ≤ 50% VRRM ≤180 DC Forward Mode ≤200 Storage Temperature Range TSTG -65 to +175 °C Electrical Characteristics (@T A = +25°C, unless otherwise specified.) Characteristic Symbol Min Typ Max Unit Test Condition Reverse Breakdown Voltage (Note 7) V(BR)R 45 — — V IR = 0.5mA Forward Voltage Drop VF — — — 0.43 0.40 0.48 0.44 V IF = 12A, TJ = +25°C IF = 12A, TJ = +125°C Leakage Current (Note 7) IR — — — 50 — 27 500 40 100 μA mA mA VR = 45V, TJ = +25°C VR = 45V, TJ = +125°C VR = 45V, TJ = +150°C Notes: 6. Device mounted on 2" x 2" (50mm x 50mm) copper pad, with lead length 0.5". 7. Short duration pulse test used to minimize self-heating effect. |
Similar Part No. - SBR12A45SD1-T |
|
Similar Description - SBR12A45SD1-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |