Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR12U45LH1 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR12U45LH1
Description  12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5SP-B
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR12U45LH1 Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR12U45LH1_15 Datasheet HTML 1Page - Diodes Incorporated SBR12U45LH1_15 Datasheet HTML 2Page - Diodes Incorporated SBR12U45LH1_15 Datasheet HTML 3Page - Diodes Incorporated SBR12U45LH1_15 Datasheet HTML 4Page - Diodes Incorporated SBR12U45LH1_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBR12U45LH1
Document number: DS36233 Rev. 7 - 2
2 of 5
www.diodes.com
July 2014
© Diodes Incorporated
SBR12U45LH1
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
45
V
Average Rectified Output Current
IO
12
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
300
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient (Note 5)
RθJA
66
°C/W
Operating Temperature Range
VR ≤ 80% VRRM
TJ
-65 to +150
°C
DC Forward Mode (Note 7)
≤ 175
DC Forward Mode (Note 8)
≤ 200
Storage Temperature Range
TSTG
-65 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
0.40
0.48
V
IF = 10A, TJ = +25°C
0.42
0.50
IF = 12A, TJ = +25°C
0.38
0.45
IF = 12A, TJ = +125°C
Leakage Current (Note 6)
IR
70
200
µA
VR = 40V, TJ = +25°C
90
300
VR = 45V, TJ = +25°C
19
mA
VR = 45V, TJ = +125°C
60
VR = 45V, TJ = +150°C
Notes:
5. FR-4 PCB, 2oz. Copper, minimum recommended pad layout per http://www.diodes.com.pdf.
6. Short duration pulse test used to minimize self-heating effect.
7. Max junction temperature +175°C guaranteed for 2 hours at maximum output.
8. Max junction temperature +200°C guaranteed for 2 hours at maximum output.


Similar Part No. - SBR12U45LH1_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR12U45LH1-13 DIODES-SBR12U45LH1-13 Datasheet
251Kb / 5P
   12A SBR® SUPER BARRIER RECTIFIER POWERDI®5SP-B
July 2014
More results

Similar Description - SBR12U45LH1_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR12U45LH DIODES-SBR12U45LH_15 Datasheet
236Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5SP
SBR12A45SD1 DIODES-SBR12A45SD1 Datasheet
94Kb / 3P
   12A SBR짰 SUPER BARRIER RECTIFIER
DS31452 Rev. 2 - 2
SBR12A45SD1 DIODES-SBR12A45SD1_15 Datasheet
125Kb / 4P
   12A SBR짰 SUPER BARRIER RECTIFIER
SBR12U100P5 DIODES-SBR12U100P5_15 Datasheet
492Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12A45SP5 DIODES-SBR12A45SP5_15 Datasheet
561Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U100P5Q DIODES-SBR12U100P5Q_15 Datasheet
145Kb / 5P
   SUPER BARRIER RECTIFIER 12A SBR짰 POWERDI짰5
SBR12U45LH DIODES-SBR12U45LH Datasheet
115Kb / 5P
   SUPER BARRIER RECTIFIER POWERDI짰5SP
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com