Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR12U45LH1 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBR12U45LH1
Description  12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5SP-B
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR12U45LH1 Datasheet(HTML) 4 Page - Diodes Incorporated

  SBR12U45LH1_15 Datasheet HTML 1Page - Diodes Incorporated SBR12U45LH1_15 Datasheet HTML 2Page - Diodes Incorporated SBR12U45LH1_15 Datasheet HTML 3Page - Diodes Incorporated SBR12U45LH1_15 Datasheet HTML 4Page - Diodes Incorporated SBR12U45LH1_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBR12U45LH1
Document number: DS36233 Rev. 7 - 2
4 of 5
www.diodes.com
July 2014
© Diodes Incorporated
SBR12U45LH1
Note:
9. Device mounted on FR-4 substrate PCB with 10cm*10cm double-sided copper pad.
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
POWERDI
®5SP
Type B
Dim
Min
Max
Typ
A
0.75
B
4.30
4.50
4.40
C
0.155 0.191
D
5.70
5.90
5.80
D2
4.40
E
20.8
21.2
21.0
E1
5.70
5.90
5.80
E2
2.90
H1
0.19
0.21
0.20
J
0.20
K
0.30
L
7.60
L1
2.50
M
0.30
N
0
0.20
R
0.40
R1
0.15
R2
0.25
R3
0.40
W
1.63
1.97
1.80
Ø
12°
Ø 1
All Dimensions in mm
Dimensions
Value
(in mm)
G
8.101
X
8.100
Y
5.100
V Groove Inner Line
b 2x
E1
D
E2
D2
W
E1/2
E/2
L 2x
N 8x
M 4x
8x cut faces are not
tin plated
c
ø
R2
R1
ø1
L1
E
H1
A
K 4x
J 4x
Cutting Burr Side
TOP VIEW
BOTTOM VIEW
X
Y
G


Similar Part No. - SBR12U45LH1_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR12U45LH1-13 DIODES-SBR12U45LH1-13 Datasheet
251Kb / 5P
   12A SBR® SUPER BARRIER RECTIFIER POWERDI®5SP-B
July 2014
More results

Similar Description - SBR12U45LH1_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR12U45LH DIODES-SBR12U45LH_15 Datasheet
236Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5SP
SBR12A45SD1 DIODES-SBR12A45SD1 Datasheet
94Kb / 3P
   12A SBR짰 SUPER BARRIER RECTIFIER
DS31452 Rev. 2 - 2
SBR12A45SD1 DIODES-SBR12A45SD1_15 Datasheet
125Kb / 4P
   12A SBR짰 SUPER BARRIER RECTIFIER
SBR12U100P5 DIODES-SBR12U100P5_15 Datasheet
492Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12A45SP5 DIODES-SBR12A45SP5_15 Datasheet
561Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U100P5Q DIODES-SBR12U100P5Q_15 Datasheet
145Kb / 5P
   SUPER BARRIER RECTIFIER 12A SBR짰 POWERDI짰5
SBR12U45LH DIODES-SBR12U45LH Datasheet
115Kb / 5P
   SUPER BARRIER RECTIFIER POWERDI짰5SP
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com