Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3701 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3701
Description  2-Phase, Low Input Voltage, Dual Step-Down DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3701 Datasheet(HTML) 3 Page - Linear Technology

  LTC3701_15 Datasheet HTML 1Page - Linear Technology LTC3701_15 Datasheet HTML 2Page - Linear Technology LTC3701_15 Datasheet HTML 3Page - Linear Technology LTC3701_15 Datasheet HTML 4Page - Linear Technology LTC3701_15 Datasheet HTML 5Page - Linear Technology LTC3701_15 Datasheet HTML 6Page - Linear Technology LTC3701_15 Datasheet HTML 7Page - Linear Technology LTC3701_15 Datasheet HTML 8Page - Linear Technology LTC3701_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC3701
3701fa
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 4.2V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator and Phase-Locked Loop
Oscillator Frequency
VPLLLPF = 1.2V or Floating
500
550
600
kHz
VPLLLPF = 0V
230
280
320
kHz
VPLLLPF ≥ 2.4V
690
775
890
kHz
Phase Detector Output Current
Sinking
fEXTCLK/MODE < fOSC
–5
µA
Sourcing
fEXTCLK/MODE > fOSC
5
µA
PGOOD Output
PGOOD Voltage Low
IPGOOD = 500µA
70
150
mV
PGOOD Trip Level
VFB with Respect to Set Output Voltage
VFB Ramping Positive
–15
–8
–2.5
%
VFB Ramping Negative
2.5
8
15
%
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3701E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • θJA°C/W)
Note 4: Dynamic supply current is higher due to gate charge being
delivered at the switching frequency.
Note 5: The LTC3701 is tested in a feedback loop that servos ITH/RUN to a
specified voltage and measures the resultant VFB voltage.
Note 6: Peak current sense voltage is reduced dependent on duty cycle to
a percentage of value as given in Figure 2.
TYPICAL PERFOR A CE CHARACTERISTICS
Reference Voltage vs Temperature
TEMPERATURE (
°C)
–60
0.795
0.800
0.805
60
3701 G01
0.790
0.785
–20
20
–40
80
0
40
100
0.780
0.775
0.810
VIN = 4.2V
TEMPERATURE (
°C)
–60
0.38
0.44
0.50
0
40
100
3701 G02
0.32
0.26
0.36
0.42
0.48
0.30
0.24
0.34
0.40
0.46
0.28
0.22
0.20
–40 –20
20
60
80
VIN = 4.2V
TEMPERATURE (
°C)
–60
0
100
300
400
500
1000
700
–20
20
40
3701 G03
200
800
900
600
–40
0
60
80
100
VIN = 4.2V
PLLLPF = 2.4V
PLLLPF = 0V
PLLLPF = FLOAT
Shutdown Threshold
vs Temperature
Oscillator Frequency
vs Temperature


Similar Part No. - LTC3701_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3701EGN LINER-LTC3701EGN Datasheet
250Kb / 20P
   2-Phase, Low Input Voltage, Dual Step-Down DC/DC Controller
More results

Similar Description - LTC3701_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3701 LINER-LTC3701 Datasheet
250Kb / 20P
   2-Phase, Low Input Voltage, Dual Step-Down DC/DC Controller
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892_15 Datasheet
1Mb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890_15 Datasheet
918Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2_15 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1 Datasheet
504Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com