Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3717-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3717-1
Description  Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3717-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC3717-1_15 Datasheet HTML 1Page - Linear Technology LTC3717-1_15 Datasheet HTML 2Page - Linear Technology LTC3717-1_15 Datasheet HTML 3Page - Linear Technology LTC3717-1_15 Datasheet HTML 4Page - Linear Technology LTC3717-1_15 Datasheet HTML 5Page - Linear Technology LTC3717-1_15 Datasheet HTML 6Page - Linear Technology LTC3717-1_15 Datasheet HTML 7Page - Linear Technology LTC3717-1_15 Datasheet HTML 8Page - Linear Technology LTC3717-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC3717-1
sn37171 37171fs
Maximum Current Sense Threshold
vs VRNG Voltage
Maximum Current Sense Threshold
vs RUN/SS Voltage, VRNG = 1V
Error Amplifier gm
vs Temperature
Maximum Current Sense Threshold
vs Temperature, VRNG = 1V
TYPICAL PERFOR A CE CHARACTERISTICS
RUN/SS Latchoff Thresholds
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
INTVCC Load Regulation
RUN/SS Latchoff Thresholds
vs Temperature
On-Time vs ION Current
ION CURRENT (µA)
1
10
100
1k
10k
10
100
37171 G09
VVON = 0V
INTVCC LOAD CURRENT (mA)
0
–0.2
–0.1
0
40
37171 G10
–0.3
–0.4
–0.5
10
20
30
50
TEMPERATURE (
°C)
–50
–25
–2
0
3
0
50
75
37171 G11
–1
2
1
25
100
125
PULL-UP CURRENT
PULL-DOWN CURRENT
TEMPERATURE (
°C)
–50
3.0
3.5
4.0
4.5
5.0
–25
0
25
50
37171 G12
75
100
125
LATCHOFF ENABLE
LATCHOFF THRESHOLD
TEMPERATURE (C)
–50
2.0
2.5
3.0
3.5
4.0
–25
0
25
50
37171 G13
75
100
125
VRNG (V)
0.50
300
250
200
150
100
50
0
0.75
1.00
1.25
1.50
37171 G14
1.75
2.00
RUN/SS (V)
2.0
3.6
37171 G15
2.8
3.0
3.2
3.4
2.2
2.4
2.6
160
140
120
100
80
60
40
20
0
TEMPERATURE (
°C)
70
180
160
140
120
100
80
60
40
20
0
37171 G16
–50
130
–30 –10 10
30
50
90 110
TEMPERATURE (
°C)
70
1.50
1.40
1.30
1.20
1.10
1.00
0.90
0.80
0.70
37171 G17
–50
130
–30 –10 10
30
50
90 110


Similar Part No. - LTC3717-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3717-1 LINER-LTC3717-1 Datasheet
268Kb / 20P
   Wide Operating Range, No RSENSE TM Step-Down Controller for DDR/QDR Memory Termination
More results

Similar Description - LTC3717-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3717 LINER-LTC3717_15 Datasheet
266Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717 LINER-LTC3717 Datasheet
255Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717-1 LINER-LTC3717-1 Datasheet
268Kb / 20P
   Wide Operating Range, No RSENSE TM Step-Down Controller for DDR/QDR Memory Termination
LTC1778EGN LINER-LTC1778EGN Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778_15 Datasheet
272Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778-1 LINER-LTC1778-1_15 Datasheet
272Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3778 LINER-LTC3778 Datasheet
297Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3778 LINER-LTC3778_15 Datasheet
310Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778 Datasheet
303Kb / 24P
   Wide Operating Range, No RSENSE TM Step-Down Controller
REV A
LTC3879 LINER-LTC3879_15 Datasheet
312Kb / 28P
   Fast, Wide Operating Range No RSENSE Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com