Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3723-2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3723-2
Description  Synchronous Push-Pull PWM Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3723-2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3723-2_15 Datasheet HTML 6Page - Linear Technology LTC3723-2_15 Datasheet HTML 7Page - Linear Technology LTC3723-2_15 Datasheet HTML 8Page - Linear Technology LTC3723-2_15 Datasheet HTML 9Page - Linear Technology LTC3723-2_15 Datasheet HTML 10Page - Linear Technology LTC3723-2_15 Datasheet HTML 11Page - Linear Technology LTC3723-2_15 Datasheet HTML 12Page - Linear Technology LTC3723-2_15 Datasheet HTML 13Page - Linear Technology LTC3723-2_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3723-1/LTC3723-2
10
372312f
+
TURN-ON
OUTPUT
2.5V
+
V 2V
10
µA
VREF
DPRG
RDPRG
372312 F01
200k
OPTIONAL
Please refer to the detailed Block Diagrams for this discus-
sion. The LTC3723-1 and LTC3723-2 are synchronous
PWM push-pull controllers. The LTC3723-1 operates with
peak pulse-by-pulse current mode control while the
LTC3723-2 offers voltage mode control operation. They
are best suited for moderate to high power isolated power
systems where small size and high efficiency are required.
The push-pull topology delivers excellent transformer
utilization and requires only two low side power MOSFET
switches. Both controllers generate 180
° out of phase
0% to < 50% duty cycle drive signals on DRVA and DRVB.
The external MOSFETs are driven directly by these power-
ful on-chip drivers. The external MOSFETs typically con-
trol opposite primary windings of a centertapped power
transformer. The centertap primary winding is connected
to the input DC feed. The secondary of the transformer can
be configured in different synchronous or nonsynchronous
configurations depending on the application needs.
The duty ratio is controlled by the voltage on COMP. A
switching cycle commences with the falling edge of the
internal oscillator clock pulse. The LTC3723-1 attenuates
the voltage on COMP and compares it to the current sense
signal to terminate the switching cycle. The LTC3723-2
compares the voltage on COMP to a timing ramp to
terminate the cycle. The LTC3723-2’s CT waveform can be
used for this purpose or separate R-C components can be
connected to RAMP to generate the timing ramp. If the
voltage on CS exceeds 300mV, the present cycle is termi-
nated. If the voltage on CS exceeds 600mV, all switching
stops and a soft-start sequence is initiated.
The LTC3723-1 / LTC3723-2 also provide drive signals for
secondary side synchronous rectifier MOSFETs. Synchro-
nous rectification improves converter efficiency, espe-
cially as the output voltages drop. Independent turn-off
control of the synchronous rectifiers is provided via SPRG
in order to optimize the benefit of the synchronous recti-
fiers. A resistor from SPRG to GND sets the desired turn
off delay.
A host of other features including an error amplifier,
system UVLO programming, adjustable leading edge blank-
ing, slope compensation and programmable dead-time
provide flexibility for a variety of applications.
OPERATIO
Programming Driver Dead-Time
The LTC3723-1/LTC3723-2 controllers include a feature
to program the minimum time between the output signals
on DRVA and DRVB commonly referred to as the driver
dead-time. This function will come into play if the control-
ler is commanded for maximum duty cycle. The dead-time
is set with an external resistor connected between DPRG
and VREF (see Figure 1). The nominal regulated voltage on
DPRG is 2V. The external resistor programs a current
which flows into DPRG. The dead-time can be adjusted
from 90ns to 300ns with this resistor. The dead-time can
also be modulated based on an external current source
that feeds current into DPRG. Care must be taken to limit
the current fed into DPRG to 350
µA or less. An internal
10
µA current source sets a maximum deadtime if DPRG is
floated. The internal current source causes the programmed
deadtime to vary non-linearly with increasing values of
RDPRG (see typical performance characteristics). An ex-
ternal 200k resistor connected from DPRG to GND will
compensate for the internal 10
µA current source and
linearize the deadtime delay vs RDPRG characteristic.
Powering the LTC3723-1/LTC3723-2
The LTC3723-1/LTC3723-2 utilize an integrated VCC shunt
regulator to serve the dual purposes of limiting the voltage
applied to VCC as well as signaling that the chip’s bias
voltage is sufficient to begin switching operation (under
voltage lockout). With its typical 10.2V turn-on voltage
and 4.2V UVLO hysteresis, the LTC3723-1/LTC3723-2 is
tolerant of loosely regulated input sources such as an
auxiliary transformer winding. The VCC shunt is capable of
sinking up to 40mA of externally applied current. The
UVLO turn-on and turn-off thresholds are derived from an
internally trimmed reference making them extremely ac-
curate. In addition, the LTC3723-1/LTC3723-2 exhibits
Figure 1. Delay Timeout Circuitry


Similar Part No. - LTC3723-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3723-2 LINER-LTC3723-2 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3723-2 LINER-LTC3723-2 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
More results

Similar Description - LTC3723-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UCD8220 TI-UCD8220 Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220 TI1-UCD8220_16 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UC1827- TI-UC1827- Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com