Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDS3100Q-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDS3100Q-7
Description  3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS3100Q-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  PDS3100Q-7 Datasheet HTML 1Page - Diodes Incorporated PDS3100Q-7 Datasheet HTML 2Page - Diodes Incorporated PDS3100Q-7 Datasheet HTML 3Page - Diodes Incorporated PDS3100Q-7 Datasheet HTML 4Page - Diodes Incorporated PDS3100Q-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
PDS3100Q
Document number: DS33876 Rev. 1 - 2
1 of 5
www.diodes.com
February 2014
© Diodes Incorporated
PDS3100Q
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
POWERDI
®5
Product Summary
VR
(V)
IF
(A)
VF MAX (V)
@ +25°C
IR MAX (mA)
@ +25°C
100
3.0
0.76
0.1
Description and Applications
This Schottky Barrier Rectifier has been designed to meet the
stringent requirements of Automotive Applications. It is ideally suited
to use as :
Polarity Protection Diode
Re-circulating Diode
Switching Diode
Features
Guard Ring Die Construction for Transient Protection
Low Power Loss, High Efficiency
Low Reverse Leakage Current
Low Forward Voltage Drop
High Forward Surge Current Capability
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: POWERDI5
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin annealed over Copper leadframe
Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.093 grams (approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
PDS3100Q-13
Automotive
POWERDI5
5000/Tape & Reel
PDS3100Q-7
Automotive
POWERDI5
1500/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally the
same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
S3100 = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last digit of year (ex: 14 for 2014)
WW = Week code (01 - 53)
K = Factory designator
YYWWK
S3100
Green
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
POWERDI
®5


Similar Part No. - PDS3100Q-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS3100Q-7 DIODES-PDS3100Q-7 Datasheet
218Kb / 5P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
More results

Similar Description - PDS3100Q-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS3200 DIODES-PDS3200_15 Datasheet
495Kb / 5P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI짰5
PDS3100 DIODES-PDS3100_15 Datasheet
443Kb / 6P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
PDS340 DIODES-PDS340_15 Datasheet
381Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER POWERDI짰5
PDS5100Q DIODES-PDS5100Q_15 Datasheet
431Kb / 6P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
PDS5100H DIODES-PDS5100H_15 Datasheet
208Kb / 5P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
PDS3100 DIODES-PDS3100_17 Datasheet
210Kb / 5P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDS3200 DIODES-PDS3200_18 Datasheet
470Kb / 5P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDS3200 DIODES-PDS3200_10 Datasheet
106Kb / 5P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30470 Rev. 16 - 2
PDS3100Q DIODES-PDS3100Q Datasheet
218Kb / 5P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
PDS3100 DIODES-PDS3100_10 Datasheet
102Kb / 5P
   3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30487 Rev. 11 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com