Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4257 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4257
Description  IEEE 802.3af PD Power over Ethernet Interface Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4257 Datasheet(HTML) 2 Page - Linear Technology

  LTC4257_15 Datasheet HTML 1Page - Linear Technology LTC4257_15 Datasheet HTML 2Page - Linear Technology LTC4257_15 Datasheet HTML 3Page - Linear Technology LTC4257_15 Datasheet HTML 4Page - Linear Technology LTC4257_15 Datasheet HTML 5Page - Linear Technology LTC4257_15 Datasheet HTML 6Page - Linear Technology LTC4257_15 Datasheet HTML 7Page - Linear Technology LTC4257_15 Datasheet HTML 8Page - Linear Technology LTC4257_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4257
2
4257fb
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
NC
RCLASS
NC
VIN
GND
NC
PWRGD
VOUT
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Supply Voltage
Voltage with Respect to GND Pin (Notes 4, 5, 6)
Maximum Operating Voltage
–57
V
Signature Range
– 1.5
– 9.5
V
Classification Range
–12.5
– 21
V
UVLO Turn-On Voltage
–37.7
–39.2
– 40.2
V
UVLO Turn-Off Voltage
–29.3
–30.5
– 31.5
V
IIN_ON
IC Supply Current when ON
VIN = – 48V, Pins 5, 6 Floating
3mA
IIN_CLASS
IC Supply Current During Classification VIN = – 17.5V, Pin 2 Floating, VOUT Tied to GND
0.35
0.50
0.65
mA
(Note 7)
∆ICLASS
Current Accuracy During Classification 10mA < ICLASS < 40mA, – 12.5V ≤ VIN ≤ – 21V,
±3.5
%
(Notes 8, 9)
(Notes 1, 2)
VIN Voltage ............................................. 0.3V to – 100V
VOUT, PWRGD Voltage ............. VIN + 100V to VIN – 0.3V
RCLASS Voltage ............................ VIN + 7V to VIN – 0.3V
PWRGD Current .................................................. 10mA
RCLASS Current .................................................. 100mA
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
ABSOLUTE
AXI U
RATI GS
ELECTRICAL CHARACTERISTICS
Operating Ambient Temperature Range
LTC4257C ............................................... 0
°C to 70°C
LTC4257I ............................................. –40
°C to 85°C
Storage Temperature Range
S8 Package ....................................... – 65
°C to 150°C
DD Package ...................................... – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grades are identified by a label on the shipping container.
ORDER PART NUMBER
S8 PART MARKING
TJMAX = 150°C, θJA = 150°C/W
4257
4257I
LTC4257CS8
LTC4257IS8
1
2
3
4
8
7
6
5
TOP VIEW
GND
NC
PWRGD
VOUT
NC
RCLASS
NC
VIN
S8 PACKAGE
8-LEAD PLASTIC SO
PACKAGE/ORDER I FOR ATIO
ORDER PART NUMBER
DD PART MARKING*
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD TO BE SOLDERED TO
ELECTRICALLY ISOLATED PCB HEATSINK
LACT
LTC4257CDD
LTC4257IDD
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/


Similar Part No. - LTC4257_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257-1 LINER-LTC4257-1 Datasheet
267Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
LTC4257-1 LINER-LTC4257-1 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4257-1 LINER-LTC4257-1 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4257-1 LINER-LTC4257-1 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4257-1 LINER-LTC4257-1 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
More results

Similar Description - LTC4257_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Microsemi Corporation
PD70101 MICROSEMI-PD70101 Datasheet
831Kb / 20P
   Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com