Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRS1660 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRS1660
Description  Dual Common Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRS1660 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRS1660 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRS1660 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SRS1660 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SRS1660 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Ideal for automated placement
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
20
30
40
50
60
90
100
V
VRMS
14
21
28
35
42
63
70
V
VDC
20
30
40
50
60
90
100
V
IF(AV)
A
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1309065
Version: J13
TO-263AB (D
2PAK)
SRS1620 thru SRS16100
Taiwan Semiconductor
Dual Common Cathode Schottky Rectifier
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020
SRS
1620
SRS
1630
SRS
1640
SRS
1650
SRS
1660
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
TO-263AB (D
2PAK)
SRS
1690
SRS
16100
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Polarity:
As marked
Weight:
1.37 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
Maximum DC blocking voltage
Maximum average forward rectified current
16
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Maximum instantaneous forward voltage (Note 1)
IF= 8 A
VF
0.55
0.70
0.90
V
Maximum reverse current @ rated VR TJ=25 ℃
TJ=100 ℃
TJ=125 ℃
IR
0.5
0.1
mA
15
10
-
-
5
Note 1: Pulse test with PW=300μs, 1% duty cycle
Typical thermal resistance
2
Operating junction temperature range
- 55 to +125
- 55 to +150
Storage temperature range
- 55 to +150


Similar Part No. - SRS1660

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRS1660 TSC-SRS1660 Datasheet
76Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SRS1660 TSC-SRS1660 Datasheet
161Kb / 2P
   16.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRS1660 TSC-SRS1660 Datasheet
126Kb / 2P
   16.0Amps Surface Mount Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
SRS1660 HORNBY-SRS1660 Datasheet
309Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
SRS1660CT HORNBY-SRS1660CT Datasheet
313Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRS1660

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com