Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-3EJH01-M3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-3EJH01-M3
Description  Hyperfast Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-3EJH01-M3 Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-3EJH01-M3 Datasheet HTML 1Page - Vishay Siliconix VS-3EJH01-M3 Datasheet HTML 2Page - Vishay Siliconix VS-3EJH01-M3 Datasheet HTML 3Page - Vishay Siliconix VS-3EJH01-M3 Datasheet HTML 4Page - Vishay Siliconix VS-3EJH01-M3 Datasheet HTML 5Page - Vishay Siliconix VS-3EJH01-M3 Datasheet HTML 6Page - Vishay Siliconix VS-3EJH01-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-3EJH01-M3
www.vishay.com
Vishay Semiconductors
Revision: 20-Nov-14
3
Document Number: 94903
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Allowable Case Temperature
vs. Average Forward Current
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Typical Reverse Recovery vs. dIF/dt
Fig. 7 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = forward power loss = IF(AV) x VFM at (IF(AV)/D) (see Fig. 6);
PdREV = inverse power loss = VR1 x IR (1 - D); IR at VR1 = rated VR
VR - Reverse Voltage (V)
100
10
1
0
20
406080
100
140
145
150
155
160
165
170
175
180
0
0.5
1
1.5
2
2.5
3
3.5
I
F(AV) - Average Forward Current (A)
Square wave (D = 0.50)
80 % rated V
R applied
See note (1)
DC
IF(AV) - Average Forward Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
DC
RMS limit
5
10
15
20
25
30
35
100
1000
dI
F/dt (A/μs)
125 °C
25 °C
10
20
30
40
50
60
70
100
1000
dI
F/dt (A/μs)
125 °C
25 °C


Similar Part No. - VS-3EJH01-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-3EJH01-M3 VISHAY-VS-3EJH01-M3 Datasheet
165Kb / 7P
   Hyperfast Rectifier, 3 A FRED Pt짰
01-Jan-2022
VS-3EJH01-M3 VISHAY-VS-3EJH01-M3_V01 Datasheet
165Kb / 7P
   Hyperfast Rectifier, 3 A FRED Pt짰
01-Jan-2022
More results

Similar Description - VS-3EJH01-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
   Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
logo
International Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com